Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLE66R01PC Datasheet(PDF) 44 Page - Infineon Technologies AG

Part # SLE66R01PC
Description  Intelligent 1216 bit EEPROM with Contactless Interface compliant
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66R01PC Datasheet(HTML) 44 Page - Infineon Technologies AG

Back Button SLE66R01PC Datasheet HTML 40Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 41Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 42Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 43Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 44Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 45Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 46Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 47Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 48Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 55 page
background image
my-d™ move / my-d™ move NFC
SLE 66R01P / SLE 66R01PN
Command Set
Data Book
44 / 55
2011-11-24
8.2.4
Read 2 Blocks (RD2B)
RD2B command reads 8 bytes out of the memory, starting from the specified address.
The Valid Address Range is from 00
H to 25H. If any other address is specified the SLE 66R01P and SLE 66R01PN
responds with a NACK. A roll back mechanism is implemented:
•
if e.g. block 0F
H is addressed blocks 0FH and 00H are replied.
•
if e.g. block 25
H is addressed blocks 25H and 00H are replied.
Figure 22
Read 2 Blocks Command
Table 18
Read 2 Block (RD2B)
Command
Length
Code Parameter
Data
Integrity
Mechanism
Response
4 bytes
31
H
Valid Address Range
00
H - 25H
n.a.
2 bytes CRC
(1 parity bit per byte)
8 bytes data
+ 2 bytes data CRC
or
NACK
31H
ADR
CRC0 CRC1
D0
D1
…
CRC0
D7
CRC1
NACK
358 µs
min.
86µs
868 µs
56µs
Command ‚Read 2 Blocks’
PICC Response
ISO/IEC 14443 Type A Reader
Please note : Timing is rounded i .e. it is not exact grid timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com