Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-E6SF Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LS-E6SF
Description  white P-LCC-4 package, colorless clear silicone resin
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-E6SF Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LS-E6SF Datasheet HTML 8Page - OSRAM GmbH LS-E6SF Datasheet HTML 9Page - OSRAM GmbH LS-E6SF Datasheet HTML 10Page - OSRAM GmbH LS-E6SF Datasheet HTML 11Page - OSRAM GmbH LS-E6SF Datasheet HTML 12Page - OSRAM GmbH LS-E6SF Datasheet HTML 13Page - OSRAM GmbH LS-E6SF Datasheet HTML 14Page - OSRAM GmbH LS-E6SF Datasheet HTML 15Page - OSRAM GmbH LS-E6SF Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
2010-01-15
12
LS E6SF, LR E6SF, LA E6SF, LO E6SF, LY E6SF
Maßzeichnung
8) Seite 18
Package Outlines
8) page 18
Anm.: Das Gehäuse ist für Ultraschallreinigung nicht geeignet
Note: Package not suitalbe for ultra sonic cleaning
Gewicht / Approx. weight:
35 mg
Gurtung / Polarität und Lage
8) Seite 18
Verpackungseinheit 2000/Rolle, ø180 mm
oder 8000/Rolle, ø330 mm
Method of Taping / Polarity and Orientation
8) page 18
Packing unit 2000/reel, ø180 mm
or 8000/reel, ø330 mm
GPLY6084
0.7 (0.028)
0.9 (0.035)
1.7 (0.067)
2.1 (0.083)
0.12 (0.005)
0.18 (0.007)
0.4 (0.016)
0.6 (0.024)
2.6 (0.102)
3.0 (0.118)
2.1 (0.083)
2.3 (0.091)
Package marking
0.1 (0.004) (typ.)
0.6 (0.024)
0.8 (0.031)
AA
C
A
AC
A
A
OHAY0667
4 (0.157)
2.9 (0.114)
1.5 (0.059)
4 (0.157)
2 (0.079)
Cathode/Collector Marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com