Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8124GD Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8124GD
Description  500mA, LNB Power Supply and Control Regulator Evaluation Board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8124GD Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8124GD Datasheet HTML 1Page - Monolithic Power Systems MP8124GD Datasheet HTML 2Page - Monolithic Power Systems MP8124GD Datasheet HTML 3Page - Monolithic Power Systems MP8124GD Datasheet HTML 4Page - Monolithic Power Systems MP8124GD Datasheet HTML 5Page - Monolithic Power Systems MP8124GD Datasheet HTML 6Page - Monolithic Power Systems MP8124GD Datasheet HTML 7Page - Monolithic Power Systems MP8124GD Datasheet HTML 8Page - Monolithic Power Systems MP8124GD Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
EV8124-D-00A –500mA, LNB POWER SUPPLY AND CONTROL REGULATOR
EV8124-D-00A Rev.1.0
www.MonolithicPower.com
2
11/5/2014
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
EV8124-D-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer Part Number
3
C1A, C2A,
C2B
10uF
Ceramic Cap, 25V,X7R
1210
Murata
GRM32DR71E106KA12L
3
C1B, C3,
C4
0.1uF
Ceramic Cap,50V,X7R
0603
Murata
GRM188R71H104KA93D
1
C5
0.22uF
Ceramic Cap,25V,X7R
0603
Murata
GRM188R71E224KA88D
1
C6
22nF
Ceramic Cap,25V,X7R
0603
Murata
GRM188R71E223KA01D
1
C7
3.3nF
Ceramic Cap,50V,X7R
0603
Murata
GRM188R71H332KA01D
1
R1
60.4k
Film resistor, 1%
0603
ROYAL
RC0603FR-0760K4L
1
R2
249k
Film resistor, 5%
0603
ROYAL
RC0603JR-07249KL
4
R3, R4,
R5, R6
100k
Film resistor, 5%
0603
ROYAL
RC0603JR-07100KL
1
D1
B340
40V,3A, Schottky diode
SMA
Diode Inc
B340A
1
D2
DFLS240L 40V,2A, Schottky diode PowerDI123
Diode Inc
DFLS240L-7
0
D3
NS
1
L1
10μH
4.3A, 27mΩ inductor
SMD
Wurth
744 771 410 0
1
U1
MP8124
LNB Power Supply and
Control Regulator
QFN-14
(2mmX3mm)
MPS
MP8124GD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com