Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8124GD Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP8124GD
Description  500mA, LNB Power Supply and Control Regulator Evaluation Board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8124GD Datasheet(HTML) 9 Page - Monolithic Power Systems

  MP8124GD Datasheet HTML 1Page - Monolithic Power Systems MP8124GD Datasheet HTML 2Page - Monolithic Power Systems MP8124GD Datasheet HTML 3Page - Monolithic Power Systems MP8124GD Datasheet HTML 4Page - Monolithic Power Systems MP8124GD Datasheet HTML 5Page - Monolithic Power Systems MP8124GD Datasheet HTML 6Page - Monolithic Power Systems MP8124GD Datasheet HTML 7Page - Monolithic Power Systems MP8124GD Datasheet HTML 8Page - Monolithic Power Systems MP8124GD Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
EV8124-D-00A –500mA, LNB POWER SUPPLY AND CONTROL REGULATOR
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV8124-D-00A Rev.1.0
www.MonolithicPower.com
9
11/5/2014
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
QUICK START GUIDE
The output voltage of this board is set to 19V. The board layout accommodates most commonly
used components.
1. Preset Power Supply to 8V
≤ VIN ≤ 14V.
2. Turn Power Supply off.
3. Connect Power Supply terminals to:
a. Positive (+): VIN
b. Negative (–): GND
4. Connect Load to:
a. Positive (+): VOUT
b. Negative (–): GND
5. Turn Power Supply on after making connections.
6. The MP8124 is enabled on the evaluation board once VIN power is turned on.
7. To use the Enable function, apply a logic high input to the EN pin. Set EN higher than 2V to turn
on the regulator or lower than 0.8V to turn it off.
8. To generate tone signal on output, apply a logic signal with 22KHz frequency to the EXTM pin.
The signal high level should be higher than 2V and the low level should be lower than 0.8V.
9. To adjust the output voltage, apply a logic input on 13V/18V pin or LINEDROP pin. The output
voltage under different conditions is shown in below table. “High” represents a voltage higher
than 2V, “Low” represents a voltage lower than 0.8V.
13/18V
LINEDROP
VOUT
High
High
19V
High
Low
18V
Low
High
14V
Low
Low
13V
10. The soft start time is adjusted by C6. For further information, please refer to MP8124 datasheet.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com