Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8124GD Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8124GD
Description  500mA, LNB Power Supply and Control Regulator Evaluation Board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8124GD Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8124GD Datasheet HTML 1Page - Monolithic Power Systems MP8124GD Datasheet HTML 2Page - Monolithic Power Systems MP8124GD Datasheet HTML 3Page - Monolithic Power Systems MP8124GD Datasheet HTML 4Page - Monolithic Power Systems MP8124GD Datasheet HTML 5Page - Monolithic Power Systems MP8124GD Datasheet HTML 6Page - Monolithic Power Systems MP8124GD Datasheet HTML 7Page - Monolithic Power Systems MP8124GD Datasheet HTML 8Page - Monolithic Power Systems MP8124GD Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
EV8124-D-00A
500mA, LNB Power Supply
and Control Regulator Evaluation Board
EV8124-D-00A Rev.1.0
www.MonolithicPower.com
1
11/5/2014
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
EV8124-D-00A Evaluation Board is designed to
demonstrate the capability of MP8124. MP8124
is a highly integrated voltage regulator to
provide efficient, low noise power and the
interface signals to a satellite receiver’s Low
Noise Block (LNB). It generates 22kHz tone
signal compatible with DiSEqC 1.x.
The MP8124 integrates a current-mode boost
regulator followed by a tracking linear regulator.
The boost regulator provides a clean power
source which is 1V higher than the final output
voltage while the tracking linear regulator
protects the output against overloads or shorts.
The MP8124 provides a number of features
including bus voltage selection, over current
protection and 22kHz tone shaper from external
signal. It offers a simple solution with low
component count and high efficiency.
The MP8124 is available in a 14-pin QFN
(2X3mm) package.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
8 – 14
V
Output Voltage
VOUT
19
V
Output Current
IOUT
0-0.5
A
FEATURES
• Compatible with DiSEqC 1.x
• 600mA Accurate Current Limit
• 8V-to-14V Input Voltage
• 40V Output Voltage Rating
• Low-Noise LDO Output
• High Efficiency for Light Load, >85% at
40mA
• High Frequency for Small Component Size
• Build in 22kHz Signal Shaper
• Selectable Output Voltage
• OCP, SCP Protection
• Boost OVP Protection
• Over Temperature Protection
• 14pin QFN-14 (2mmx3mm) Package
PACKAGEAPPLICATIONS
• LNB Power Supply and Control for Satellite
Set Top Boxes
• TV Satellite Receivers
• PC Card Satellite Receivers
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology”, are Registered Trademarks
of Monolithic Power Systems, Inc.
EV8124-D-00A EVALUATION BOARD
(L x W x H) 6.35cm x 6.35cm x 0.6cm
Board Number
MPS IC Number
EV8124-D-00A
MP8124GD


Similar Part No. - MP8124GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8124GD MPS-MP8124GD Datasheet
1Mb / 21P
500mA LNB Power Supply and Control Regulator
More results

Similar Description - MP8124GD

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8283 ALLEGRO-8283 Datasheet
157Kb / 8P
LNB SUPPLY AND CONTROL-VOLTAGE REGULATOR
November 21, 2000
A8285 ALLEGRO-A8285 Datasheet
527Kb / 17P
LNB Supply and Control Voltage Regulator
logo
STMicroelectronics
LNBP8 STMICROELECTRONICS-LNBP8 Datasheet
129Kb / 8P
LNB SUPPLY AND CONTROL VOLTAGE REGULATOR
09-Nov-2004
logo
Allegro MicroSystems
A8291 ALLEGRO-A8291 Datasheet
396Kb / 18P
Single LNB Supply and Control Voltage Regulator
February 15, 2012
logo
STMicroelectronics
LNBP8 STMICROELECTRONICS-LNBP8_06 Datasheet
191Kb / 13P
LNB Supply and control voltage regulator
20-Sep-2006
logo
Allegro MicroSystems
A8285 ALLEGRO-A8285 Datasheet
400Kb / 17P
LNB Supply and Control Voltage Regulator
A8285SLBTR-T ALLEGRO-A8285SLBTR-T Datasheet
470Kb / 18P
LNB Supply and Control Voltage Regulator
logo
Monolithic Power System...
MP8124 MPS-MP8124 Datasheet
1Mb / 21P
500mA LNB Power Supply and Control Regulator
EV8126DF-00A MPS-EV8126DF-00A Datasheet
256Kb / 5P
550mA, 8-14V Input, LNB Power Supply and Control Voltage Regulator Evaluation Board
EV8125EF-00A MPS-EV8125EF-00A Datasheet
154Kb / 4P
550mA, 8-14V Input, LNB Power Supply and Control Voltage Regulator Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com