Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8758HGL Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8758HGL
Description  22V, 10A, High Current Synchronous Buck Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8758HGL Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8758HGL Datasheet HTML 1Page - Monolithic Power Systems MP8758HGL Datasheet HTML 2Page - Monolithic Power Systems MP8758HGL Datasheet HTML 3Page - Monolithic Power Systems MP8758HGL Datasheet HTML 4Page - Monolithic Power Systems MP8758HGL Datasheet HTML 5Page - Monolithic Power Systems MP8758HGL Datasheet HTML 6Page - Monolithic Power Systems MP8758HGL Datasheet HTML 7Page - Monolithic Power Systems MP8758HGL Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
EV8758H-L-00A – 10A, 22V, SYNCHRONOUS BUCK CONVERTER
EV8758H-L-00A Rev. 1.0
www.MonolithicPower.com
2
1/14/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
EV8758H-L-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer P/N
2
C1A,C1B
22µF
Ceramic Cap,
25V, X7R
1206
Murata
GRM31ER71E226KE15L
2
C1C,C2D
0.1µF
Ceramic Cap,
25V, X7R
0603
Murata
GRM188R71E104KA01D
3
C2A,C2B,
C2C
22µF
Ceramic Cap,
16V, X5R
1206
Murata
GRM31CR61C226ME15L
1
C3
220nF
Ceramic Cap,
25V, X7R
0603
Murata
GRM188R71E224KA88D
1
C4
220pF
Ceramic Cap,
50V, X7R
0603
Murata
GRM188R71H221KA01D
1
C5
1uF
Ceramic Cap,
25V, X7R
0603
Murata
GRM188R71E105KA12D
1
L1
1.2µH
DCR=1.8mΩ,
Isat=25A
11mm×
10.2mm
Wurth
744325120
3
R1,R2,R7
100kΩ
Film Res, 1%
0603
ROYAL
RL0603FR-07100KL
1
R3
4.7Ω
Film Res, 1%
0603
ROYAL
RL0603FR-074R7L
0
R4,R6
NS
1
R5
499kΩ
Film Res, 1%
0603
ROYAL
RL0603FR-07499KL
1
R8
499Ω
Film Res, 1%
SM0603
ROYAL
RL0603FR-07499RL
1
U1
MP8758HGL
DC-DC Converter
QFN3×4
MPS
MP8758HGL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com