Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8758HGL Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8758HGL
Description  22V, 10A, High Current Synchronous Buck Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8758HGL Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8758HGL Datasheet HTML 1Page - Monolithic Power Systems MP8758HGL Datasheet HTML 2Page - Monolithic Power Systems MP8758HGL Datasheet HTML 3Page - Monolithic Power Systems MP8758HGL Datasheet HTML 4Page - Monolithic Power Systems MP8758HGL Datasheet HTML 5Page - Monolithic Power Systems MP8758HGL Datasheet HTML 6Page - Monolithic Power Systems MP8758HGL Datasheet HTML 7Page - Monolithic Power Systems MP8758HGL Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
EV8758H-L-00A – 10A, 22V, SYNCHRONOUS BUCK CONVERTER
EV8758H-L-00A Rev. 1.0
www.MonolithicPower.com
4
1/14/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
EVB TEST RESULTS (continued)
Performance waveforms are tested on the EV8758H-L-00A.
VIN =12V, VOUT =1.2V, L=1.2µH, TJ=+25°C, unless otherwise noted.
VPG
5V/div.
VEN
5V/div.
VOUT
500mV/div.
VSW
10V/div.
IINDUCTOR
10A/div.
VIN
5V/div.
VOUT/AC
50mV/div.
VSW
5V/div.
IINDUCTOR
2A/div.
VIN
5V/div.
VOUT/AC
20mV/div.
VSW
5V/div.
IINDUCTOR
2A/div.
VIN
5V/div.
VOUT/AC
20mV/div.
VSW
5V/div.
IINDUCTOR
10A/div.
VOUT
50mV/div.
IOUT
5A/div.
VIN
10V/div.
VOUT
500mV/div.
VSW
5V/div.
IINDUCTOR
10A/div.
VIN
10V/div.
VOUT
500mV/div.
VSW
5V/div.
IINDUCTOR
10A/div.
VPG
5V/div.
VEN
5V/div.
VOUT
500mV/div.
VSW
10V/div.
IINDUCTOR
10A/div.
VEN
5V/div.
VOUT
500mV/div.
VSW
5V/div.
IINDUCTOR
2A/div.
Shutdown through EN
IOUT=0A, PFM
Shutdown through EN
IOUT=0A, PWM
Shutdown through EN
IOUT=10A
Output Voltage Ripple
IOUT=0A, PWM
Output Voltage Ripple
IOUT=0A, PFM
Output Voltage Ripple
IOUT=10A
Load Transient Response
IOUT=5A to 10A
Short-Circuit Entry
IOUT=10A
Short-Circuit Recovery
IOUT=10A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com