Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8758HGL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8758HGL
Description  22V, 10A, High Current Synchronous Buck Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8758HGL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8758HGL Datasheet HTML 1Page - Monolithic Power Systems MP8758HGL Datasheet HTML 2Page - Monolithic Power Systems MP8758HGL Datasheet HTML 3Page - Monolithic Power Systems MP8758HGL Datasheet HTML 4Page - Monolithic Power Systems MP8758HGL Datasheet HTML 5Page - Monolithic Power Systems MP8758HGL Datasheet HTML 6Page - Monolithic Power Systems MP8758HGL Datasheet HTML 7Page - Monolithic Power Systems MP8758HGL Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EV8758H-L-00A
22V, 10A, High Current
Synchronous Buck Converter
EV8758H-L-00A Rev. 1.0
www.MonolithicPower.com
1
1/14/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV8758H-L-00A is used for demonstrating
the performance of MP8758H, a fully-integrated,
high efficiency, synchronous step-down switch
mode converter. MP8758H provides up to 10A
continuous output current over a wide input
supply range with constant-on-time control for
fast loop response.
The
Evaluation
Board
can
deliver
10A
continuous load current from a 4.5V to 22V
input with excellent load and line regulation.
This part requires minimum number of external
components
and
is
available
in
QFN21
(3mmx4mm) package
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
4.5-22
V
Output Voltage
VOUT
1.2
V
Output Current
IOUT
10
A
Switching Frequency
fSW
500
kHz
FEATURES
• Wide 4.5V to 22V Operating Input Range
• 10A Continous Output Current
• Low RDS(ON) Internal Power MOSFETs
• Proprietary
Switching
Loss
Reduction
Technique
• Internal Soft Start
• Output Discharge
• 500kHZ Switching Frequency
• PFM/PWM Mode Selection
• Hiccup Mode OCP, UVP
• Auto Retry Thermal Shutdown, OVP
• Output Adjustable from 0.604V
APPLICATIONS
•
Laptop Computer
•
Tablet PC
•
Networking Systems
•
Personal Video Recorders
•
Flat Panel Television and Monitors
•
Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology”, are Registered Trademarks
of Monolithic Power Systems, Inc.
EV8758H-L-00A EVALUATION BOARD
(L × W × H) 8.55cm × 8.55cm × 1.6cm
Board Number
MPS IC Number
EV8758H-L-00A
MP8758HGL
LOAD CURRENT(A)
Efficiency vs.
Output Current
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
VIN=12V
VIN=22V
VIN=4.5V


Similar Part No. - MP8758HGL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8758HGL MPS-MP8758HGL Datasheet
834Kb / 23P
High-Current, 10A, 22V, Synchronous Step-Down Converter with Hiccup OCP, PFM/PWM Mode Selection, and Auto-Retry Thermal Shutdown
More results

Similar Description - MP8758HGL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3231 ONSEMI-NCP3231 Datasheet
157Kb / 15P
High Current Synchronous Buck Converter
May, 2015 ??Rev. 5
NCP3231A ONSEMI-NCP3231A Datasheet
153Kb / 14P
High Current Synchronous Buck Converter
May, 2015 ??Rev. 3
NCP3233 ONSEMI-NCP3233 Datasheet
128Kb / 17P
High Current Synchronous Buck Converter
November, 2015 ??Rev. 4
logo
Global Mixed-mode Techn...
G5385 GMT-G5385 Datasheet
125Kb / 1P
High Efficiency 10A Synchronous Buck Converter
G5335 GMT-G5335 Datasheet
58Kb / 1P
High Efficiency 10A Synchronous Buck Converter
G5310 GMT-G5310 Datasheet
63Kb / 1P
High Efficiency 10A Synchronous Buck Converter
G5309 GMT-G5309 Datasheet
60Kb / 1P
High Efficiency 10A Synchronous Buck Converter
logo
ON Semiconductor
NCP3233 ONSEMI-NCP3233_16 Datasheet
135Kb / 17P
High Current Synchronous Buck Converter
February, 2016 ??Rev. 5
NCP3235 ONSEMI-NCP3235 Datasheet
318Kb / 16P
High Current Synchronous Buck Converter
May, 2016 ??Rev. 0
NCP3231B ONSEMI-NCP3231B Datasheet
296Kb / 14P
Buck Converter - Synchronous, High Current
August, 2019 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com