Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8847GD Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8847GD
Description  6A High Efficient Synchronous Step-Down Switcher with I짼C Interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8847GD Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8847GD Datasheet HTML 1Page - Monolithic Power Systems MP8847GD Datasheet HTML 2Page - Monolithic Power Systems MP8847GD Datasheet HTML 3Page - Monolithic Power Systems MP8847GD Datasheet HTML 4Page - Monolithic Power Systems MP8847GD Datasheet HTML 5Page - Monolithic Power Systems MP8847GD Datasheet HTML 6Page - Monolithic Power Systems MP8847GD Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EV8847-D-00A – 6A HIGH EFFICIENT SYNC. STEP DOWN SWITCHER WITH I2C
EV8847-D-00A Rev.1.0
www.MonolithicPower.com
2
7/5/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
EV8847-D-00A BILL OF MATERIALS
Qty RefDes
Value
Description
Package
Manufacturer Manufacturer P/N
4
C1, C2,
C3, C4
22μF
Ceramic Cap, 6.3V, X5R
SM0805
muRata
GRM21BR60J226ME39L
2
C8,C9
22μF
Ceramic Cap,10V, X5R
SM0603
muRata
GRM21BD71A226ME44L
3
C5, C6,
C7
NS
1
R1
100k
Film Res.,5%
SM0603
Any
2
R2, R3
10k
Film Res.,5%
SM0603
Any
1
L1
0.47μH
Inductor IR=6.8A,Isat=14.5A
SM
4.0X4.0mm
Wurth
744 373 240 047
1
U1
MP8847
Step Down Switcher With I2C
QFN-
2mmx3mm
MPS
MP8847DG



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com