Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8847GD Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8847GD
Description  6A High Efficient Synchronous Step-Down Switcher with I짼C Interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8847GD Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8847GD Datasheet HTML 1Page - Monolithic Power Systems MP8847GD Datasheet HTML 2Page - Monolithic Power Systems MP8847GD Datasheet HTML 3Page - Monolithic Power Systems MP8847GD Datasheet HTML 4Page - Monolithic Power Systems MP8847GD Datasheet HTML 5Page - Monolithic Power Systems MP8847GD Datasheet HTML 6Page - Monolithic Power Systems MP8847GD Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EV8847-D-00A
6A High Efficient Synchronous
Step-Down Switcher with I²C Interface
EV8847-D-00A Rev.1.0
www.MonolithicPower.com
1
7/5/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8847 is a highly integrated and high
frequency synchronous step-down switcher with
I2C control interface. It is optimized to support
up to 6A load current over an input supply
range from 2.7V to 6V with excellent load and
line regulation.
Constant frequency hysteretic mode provides
extremely fast transient response without loop
compensation
and
easily
achieves
high
efficiency under light load condition.
The output voltage level can be controlled, on-
the fly through a 3.4Mbps I2C serial interface.
Voltage range can be adjusted from 0.6V to
1.235V in 5mV steps.
Voltage slew rate, switching frequency and
power savings mode are also selectable
through the I2C interface.
The MP8847 requires a minimum number of
readily available standard external components
and
is
available
in
the
compact
QFN
2mmx3mm package.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
2.7– 6
V
Output Voltage
VOUT
0.95
V
Output Current
IOUT
6
A
FEATURES
 2.7V to 6V Input Voltage Range
 Up to 6A Load Current
 Internal 35mΩ High-Side, 15mΩ Low-Side
Power MOSFETs
 I2C Compatible Interface up to 3.4Mbps
 I2C Programmable Output Range from 0.6V
to 1.235V in 5mV Steps
 Factory Adjustable Switching Frequency
from 0.85MHz to 2.2MHz
 Power Saving Mode Selectable via I2C
 Internal 1ms Soft-Start
 Power Good Indicator
 Current Overload and Thermal Shutdown
Protection
 Available in QFN 2mmx3mm package
APPLICATIONS
 Processor Core Supply
 Micro Converter
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
EV8847-D-00A EVALUATION BOARD
Board Number
MPS IC Number
EV8847-D-00A
MP8847GD
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10


Similar Part No. - MP8847GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8847GD MPS-MP8847GD Datasheet
506Kb / 22P
6A, 2.7V-6V, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface In 2x3mm QFN
More results

Similar Description - MP8847GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8845 MPS-MP8845 Datasheet
1Mb / 23P
5A, Highly Efficient, Synchronous, Step-Down Switcher with I2C Interface
MP8845C MPS-MP8845C Datasheet
483Kb / 20P
5A High Efficient Synchronous Step-Down Switchers with I2C Interface
MP8847 MPS-MP8847 Datasheet
506Kb / 22P
6A, 2.7V-6V, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface In 2x3mm QFN
MP8848 MPS-MP8848 Datasheet
567Kb / 20P
6A, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface
EV8845-C-02A MPS-EV8845-C-02A Datasheet
392Kb / 6P
5A High Efficient Synchronous Step-Down Switcher with I2C Interface
EV8846-Q-00A MPS-EV8846-Q-00A Datasheet
1Mb / 7P
6A High Efficient Synchronous Step-Down Converter with I2C Interface
EV8848-D-00A MPS-EV8848-D-00A Datasheet
803Kb / 7P
6A High Efficient Synchronous Step-Down Switcher with I2C Interface
EV8865-Q-00A MPS-EV8865-Q-00A Datasheet
458Kb / 7P
6A High Efficient Synchronous Step-Down Converter with I2C Interface
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
5V, 6A Synchronous Step-Down Silent Switcher
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com