Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8847GD Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8847GD
Description  6A High Efficient Synchronous Step-Down Switcher with I짼C Interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8847GD Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8847GD Datasheet HTML 1Page - Monolithic Power Systems MP8847GD Datasheet HTML 2Page - Monolithic Power Systems MP8847GD Datasheet HTML 3Page - Monolithic Power Systems MP8847GD Datasheet HTML 4Page - Monolithic Power Systems MP8847GD Datasheet HTML 5Page - Monolithic Power Systems MP8847GD Datasheet HTML 6Page - Monolithic Power Systems MP8847GD Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EV8847-D-00A – 6A HIGH EFFICIENT SYNC. STEP DOWN SWITCHER WITH I2C
EV8847-D-00A Rev.1.0
www.MonolithicPower.com
3
7/5/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
EVB TEST RESULTS
Performance waveforms are tested on the evaluation board.
VIN = 5V, VOUT = 0.95V, L = 0.47µH, TA = 25°C, unless otherwise noted.
.
200
250
300
350
400
23
45
67
0
0.05
0.1
0.15
0.2
23
45
67
0.500
0.550
0.600
0.650
0.700
0.750
0.800
-60 -40 -20 0 20 40 60 80100
1.000
1.050
1.100
1.150
1.200
1.250
1.300
-60 -40 -20 0 20
40 60 80 100
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-60 -40 -20 0 20 40 60 80 100
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-60 -40 -20 0 20 40 60 80 100
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
0123
4567



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com