Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9151GD Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP9151GD
Description  20V, 4A 800kHz Synchronous Step-down Converter EV Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9151GD Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP9151GD Datasheet HTML 1Page - Monolithic Power Systems MP9151GD Datasheet HTML 2Page - Monolithic Power Systems MP9151GD Datasheet HTML 3Page - Monolithic Power Systems MP9151GD Datasheet HTML 4Page - Monolithic Power Systems MP9151GD Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EV9151-D-00A – 4A, 20V, 800KHZ SYNCHRONOUS STEP-DOWN CONVERTER
EV9151-D-00A Rev.1.0
www.MonolithicPower.com
2
2/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
SS
EN
PG
VC C
VIN
22nF
C 7
56pF
C 6
0
R 6
10K
R 1
L1
51
R 7
N S
C 8
3.16K
R 2
3.3V/4A
FR EQ
0
R 8
0
R 5
VOU T
C 4
C 1
C 1A
C 1B
100K
R 4
45.3K
R 3
100K
R 9
47nF
C 5
N S
R 11
17.8K
R 10
C 3
C 2
C 2A
C 2B
GN D
GN D
EN
VC C
PG
FR EQ
SS
FB
SW
SW
3
10
1,12,13,14
IN
BST
GND
4
9
5
8
2
11
6
7
M P9151
EV9151-D-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer Part Number
2
C1, C1A
10µF
Ceramic Cap., 25V, X7R
1210
MuRata
GRM32DR71E106KA12L
2
C1B,C2B
0.1µF
Ceramic Cap., 25V, X7R
0805
MuRata
GRM21BR71E104KA01L
2
C2, C2A
22µF
Ceramic Cap., 10V, X7R
1210
MuRata
GRM32ER71A226KE20L
1
C3
0.1µF
Ceramic Cap., 25V, X7R
0603
MuRata
GRM188R71E104KA01D
1
C4
1µF
Ceramic Cap., 16V, X7R
0603
MuRata
GRM188R71C105KA12D
1
C5
47nF
Ceramic Cap., 16V, X7R
0603
MuRata
GRM188R71C473KA01D
1
C6
56pF
Ceramic Cap., 50V, C0G
0603
Murata
GRM1885C1H560JA01D
1
C7
22nF
Ceramic Cap., 50V, X7R
0603
Murata
GRM188R71H223KA01D
1
R1
10k
Film Res., 1%
0603
Yageo
RC0603FR-0710KL
1
R2
3.16k
Film Res., 1%
0603
Yageo
RC0603FR-073K16L
1
R3
45.3k
Film Res., 1%
0603
Yageo
RC0603FR-0745K3L
2
R4, R9
100k
Film Res., 1%
0603
Yageo
RC0603FR-07100KL
3
R5,
R6, R8
0
Film Res., 1%
0603
Yageo
RC0603JR-070RL
1
R7
51
Film Res.,1%
0603
Yageo
RC0603FR-0751RL
1
R10
17.8k
Film Res., 1%
0603
Yageo
RC0603FR-0717K8L
0
R11, C8
NS
1
L1
2.2µH
DCR=11.4m , Is=13A
7x7x4mm
Wurth
744311220
1
U1
MP9151 Step-Down Converter
QFN14 (2x3)
MPS
MP9151GD



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com