Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9151GD Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP9151GD
Description  20V, 4A 800kHz Synchronous Step-down Converter EV Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9151GD Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP9151GD Datasheet HTML 1Page - Monolithic Power Systems MP9151GD Datasheet HTML 2Page - Monolithic Power Systems MP9151GD Datasheet HTML 3Page - Monolithic Power Systems MP9151GD Datasheet HTML 4Page - Monolithic Power Systems MP9151GD Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EV9151-D-00A – 4A, 20V, 800KHZ SYNCHRONOUS STEP-DOWN CONVERTER
EV9151-D-00A Rev.1.0
www.MonolithicPower.com
3
2/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
EVB TEST RESULTS
Performance waveforms are tested on the evaluation board.
VIN = 12V, VOUT = 3.3V, L = 2.2µH, fSW=800kHz, TA = +25ºC, unless otherwise noted.
0
5
10
15
20
25
30
35
40
45
1
1.5
2
2.5
3
3.5
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com