Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9151GD Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP9151GD
Description  20V, 4A 800kHz Synchronous Step-down Converter EV Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9151GD Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP9151GD Datasheet HTML 1Page - Monolithic Power Systems MP9151GD Datasheet HTML 2Page - Monolithic Power Systems MP9151GD Datasheet HTML 3Page - Monolithic Power Systems MP9151GD Datasheet HTML 4Page - Monolithic Power Systems MP9151GD Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EV9151-D-00A
20V, 4A 800kHz Synchronous
Step-down Converter EV Board
EV9151-D-00A Rev.1.0
www.MonolithicPower.com
1
2/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The
Future
of
Analog
IC
T
echnology
DESCRIPTION
The EV9151-D-00A is for demonstrating MPS’s
MP9151,
a
high-frequency,
synchronous,
rectified,
step-down,
switch-mode converter
with internal power MOSFETs. MP9151 offers a
very compact solution to achieve 4A continuous
output current over a wide input supply range
with excellent load and line regulation. The
MP9151 operates at high efficiency over a wide
output current load range.
Current-mode operation provides fast transient
response and eases loop stabilization. The full
protection
features
include
over-current
protection and thermal shutdown.
The MP9151 requires a minimal number of
readily-available standard external components
and comes in a space saving 2×3mm 14-pin
QFN package.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
5 – 20
V
Output Voltage
VOUT
3.3
V
Output Current
IOUT
4
A
FEATURES
Wide 5V to 20V Operating Input Range
4A Output Current
Low RDS(ON) Internal Power MOSFETs
Programmable Switching Frequency from
300kHz to 1.6MHz
EN ON/OFF Control
Power Good Indicator
External Soft Start
OCP and Thermal Shutdown
Available in 14-pin QFN2x3 Package
APPLICATIONS
DSL Modems
Cable Modems
Set Top Boxes
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.
ADAM (Analog Digital Adaptive Modulation), AAM (….) areTrademarks of
Monolithic Power Systems, Inc.
EV9151-D-00A EVALUATION BOARD
Board Number
MPS IC Number
EV9151-D-00A
MP9151GD
50
55
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10


Similar Part No. - MP9151GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP9151GD MPS-MP9151GD Datasheet
1Mb / 19P
20V, 4A Synchronous Step-Down Coverter
MP9151GD-P MPS-MP9151GD-P Datasheet
1Mb / 19P
20V, 4A Synchronous Step-Down Coverter
More results

Similar Description - MP9151GD

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3427 EUTECH-EUP3427 Datasheet
201Kb / 2P
4A, Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7247C RICHTEK-RT7247C Datasheet
277Kb / 15P
2A, 18V, 800kHz Synchronous Step-Down Converter
RT7257G RICHTEK-RT7257G Datasheet
277Kb / 15P
3A, 18V, 800kHz Synchronous Step-Down Converter
RT7297C RICHTEK-RT7297C Datasheet
289Kb / 15P
3A, 18V, 800kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP9151 MPS-MP9151 Datasheet
1Mb / 19P
20V, 4A Synchronous Step-Down Coverter
MP28251 MPS-MP28251 Datasheet
634Kb / 15P
20V, 4A Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3427A EUTECH-EUP3427A Datasheet
79Kb / 1P
4A, Synchronous Step-Down Converter
logo
Monolithic Power System...
EV28115DQ-00B MPS-EV28115DQ-00B Datasheet
182Kb / 4P
4A, 6V, Synchronous Step-Down Switching Regulator EV Board
EV28115DQ-00C MPS-EV28115DQ-00C Datasheet
196Kb / 4P
4A, 6V, Synchronous Step-Down Switching Regulator EV Board
EV28115DQ-01C MPS-EV28115DQ-01C Datasheet
196Kb / 4P
4A, 6V, Synchronous Step-Down Switching Regulator EV Board
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com