Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP1012A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HIP1012A
Description  Dual Power Distribution Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP1012A Datasheet(HTML) 4 Page - Renesas Technology Corp

  HIP1012A Datasheet HTML 1Page - Renesas Technology Corp HIP1012A Datasheet HTML 2Page - Renesas Technology Corp HIP1012A Datasheet HTML 3Page - Renesas Technology Corp HIP1012A Datasheet HTML 4Page - Renesas Technology Corp HIP1012A Datasheet HTML 5Page - Renesas Technology Corp HIP1012A Datasheet HTML 6Page - Renesas Technology Corp HIP1012A Datasheet HTML 7Page - Renesas Technology Corp HIP1012A Datasheet HTML 8Page - Renesas Technology Corp HIP1012A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
HIP1012A
FN4419 Rev 6.00
Page 4 of 15
March 2004
Absolute Maximum Ratings TA = 25°C
Thermal Information
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +13.2V
3/12VG, CPUMP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 18.5V
3/12VISEN, 3/12VS . . . . . . . . . . . . . . . . . . . . . . . -5V to VDD + 0.3V
5VISEN, 5VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -5V to 7.5V
PGOOD, RILIM. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7.5V
MODE/PWRON1, PWRON2, CTIM, 5VG . . . . .-0.3V to VDD + 0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV (Class 2)
Operating Conditions
VDD Supply Voltage Range . . . . . . . . . . . . . . . . . . . +10.5V to +13.2
Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . . . . . 0°C to 70°C
Thermal Resistance (Typical, Note 1)
JA (°C/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
67
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. All voltages are relative to GND, unless otherwise specified.
Electrical Specifications
VDD = 12V, CVG = 0.01F, CTIM = 0.1F, RSENSE = 0.1, CBULK = 220F, ESR = 0.5,
TA = TJ = 0°C to 70°C, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
12V CONTROL SECTION
Current Limit Threshold Voltage
(Voltage Across Sense Resistor)
VIL12V
VIL12V
RILIM =10k
RILIM = 5k
92
47
100
53
108
59
mV
mV
3X Current Limit Threshold Voltage
(Voltage Across Sense Resistor)
3XViL12V
3XVIL12V
RILIM =10k
RILIM = 5k
250
100
300
165
350
210
mV
mV
20% Current Limit Response Time
(Current within 20% of Regulated Value)
20%iLrt
200% Current Overload, RILIM = 10k,
RSHORT = 6.0
-2
-
s
10% Current Limit Response Time
(Current within 10% of Regulated Value)
10%iLrt
200% Current Overload, RILIM = 10k,
RSHORT = 6.0
-4
-
s
1% Current Limit Response Time
(Current within 1% of Regulated Value)
1%iLrt
200% Current Overload, RILIM = 10k,
RSHORT = 6.0
-10
-
s
Response Time To Dead Short
RTSHORT C12VG = 0.01F
-
500
1000
ns
Gate Turn-On Time
tON12V
C12VG = 0.01F-
12
-
ms
Gate Turn-On Current
ION12V
C12VG = 0.01F
8
10
12
A
3X Gate Discharge Current
3XdisI
12VG = 18V
0.5
0.75
-
A
12V Undervoltage Threshold
12VVUV
10.5
10.8
11.0
V
Qpumped 12VG Voltage
V12VG
CPUMP = 0.1F
16.8
17.3
17.9
V
3.3V/5V CONTROL SECTION
Current Limit Threshold Voltage
(Voltage Across Sense Resistor)
VIL5V
RILIM =10k
RILIM = 5k
92
47
100
53
108
59
mV
mV
3X Current Limit Threshold Voltage
(Voltage Across Sense Resistor)
3XVIL5V
RILIM =10k
RILIM = 5k
250
100
300
155
350
210
mV
mV
20% Current Limit Response Time
(Current within 20% of regulated value)
200% Current Overload, RILIM = 10k,
RSHORT = 2.5
-2
-
s
10% Current Limit Response Time
(Current within 10% of Regulated Value)
200% Current Overload, RILIM = 10k,
RSHORT = 2.5
-4
-
s
1% Current Limit Response Time
(Current within 1% of Regulated Value)
200% Current Overload, RILIM = 10k,
RSHORT = 2.5
-10
-
s
Response Time To Dead Short
RTSHORT CVG = 0.01F
-
500
800
ns
Gate Turn-On Time
tON5V
CVG = 0.01F-
5
-
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com