Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP1012A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HIP1012A
Description  Dual Power Distribution Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP1012A Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HIP1012A Datasheet HTML 2Page - Renesas Technology Corp HIP1012A Datasheet HTML 3Page - Renesas Technology Corp HIP1012A Datasheet HTML 4Page - Renesas Technology Corp HIP1012A Datasheet HTML 5Page - Renesas Technology Corp HIP1012A Datasheet HTML 6Page - Renesas Technology Corp HIP1012A Datasheet HTML 7Page - Renesas Technology Corp HIP1012A Datasheet HTML 8Page - Renesas Technology Corp HIP1012A Datasheet HTML 9Page - Renesas Technology Corp HIP1012A Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
HIP1012A
FN4419 Rev 6.00
Page 6 of 15
March 2004
The HIP1012A responds to a load short (defined as a current
level 3X the OC set point) immediately, driving the relevant
N-Channel MOSFET gate to 0V in less than 10
s. The gate
voltage is then slowly ramped up turning on the N-Channel
MOSFET to the programmed current limit level; this is the start
of the time out period. The programmed current level is held until
either the OC event passes or the time out period expires. If the
former is the case then the N-Channel MOSFET is fully
enhanced and the CTIM charging current is diverted away from
the capacitor. If the time out period expires prior to OC resolution
then both gates are quickly pulled to 0V turning off both N-
Channel MOSFETs simultaneously.
Upon any UV condition the PGOOD signal will pull low when
tied high through a resistor to the logic supply. This pin is a fault
indicator but not the OC latch off indicator. For an OC latch off
indication, monitor CTIM, pin 10. This pin will rise rapidly to 12V
once the time out period expires. See Simplified Block Diagram
on page 2 for OC latch off circuit suggestion.
The HIP1012A is reset by a rising edge on either PWRON pin
and is turned on by either PWRON pin being driven low. The
HIP1012A can control either +12V/5V or +3.3V/+5V supplies.
Tying the PWRON1 pin to VDD, invokes the +3.3V/+5V voltage
mode. In this mode, the external charge pump capacitor is not
needed and Cpump, pin 11 is tied directly to VDD.
HIP1012A Application Considerations
Current Regulation vs current trip often causes confusion
when using this and other ICs with a Current Regulation (CR)
feature. The CR level is the level at which the HIP1012 will hold
an overcurrent load for the programmed duration. This level is
programmable by the RLIM and RSENSE resistors values. As
the current being monitored by the HIP1012A approaches a
level >85% of the CR level the HIP1012A may trip-off due to
variances in manufacturing and the design of the low gain high
speed input comparators. In addition with the high levels of
inrush current e.g., highly capacitive loads and motor startup
currents, choosing the current limiting level is crucial to provide
both protection and still allow for this inrush current without
latching off. Consider this in addition to the time out delay when
choosing MOSFETs for your design. To these ends it is
suggested that CR levels be programmed to 150% of nominal
load.
When using the HIP1012A in the 12V and 5V mode additional
VDD decoupling may be necessary to prevent a power on reset
due to a sag on VDD pin upon an OC latch off. The addition of a
capacitor from VDD to GND may often be adequate but a small
value isolation resistor may also be necessary (see the
Simplified Block Diagram on page 2).
Current loop stabilization is facilitated through a small value
resistor in series with the gate timing capacitor. As the
HIP1012A drives a highly inductive current load, instability
characterized by the gate voltage repeatedly ramping up and
down may appear. A simple method to enhance stability is
provided by the substitution of a larger value gate resistor.
Typically this situation can be avoided by eliminating long point
to point wiring to the load.
Random resets occur if the HIP1012A sense pins are pulled
below ground when turning off a highly inductive load. Place a
large load capacitor (10-50
F) on the output or ISEN clamping
diodes to ground to eliminate.
During the Time Out delay period with the HIP1012A in current
limit mode, the VGS of the external N-Channel MOSFETs is
reduced driving the N-Channel MOSFET switch into a high
rDS(ON) state. Thus avoid extended time out periods as the
external N-Channel MOSFETs may be damaged or destroyed
due to excessive internal power dissipation. Refer to the
MOSFET manufacturer’s data sheet for SOA information.
External Pull Down resistors from the xISEN pins to ground
will prevent the voltage outputs from floating up due to leakage
current through the external switch FET body diode when the
FETs are disabled and the outputs are open.
Physical layout of Rsense resistors is critical to avoid the
possibility of false overcurrent occurrences. Ideally trace routing
between the Rsense resistors and the HIP1012A is direct and
as short as possible with zero current in the sense lines as
shown below.
TABLE 1.
RILIM RESISTOR
NOMINAL OC VTH
15k
150mV
10k
100mV
7.5k
75mV
4.99k
50mV
NOTE: Nominal OC Vth = Rilim x 10
A.
TABLE 2.
CTIM CAPACITOR
NOMINAL TIME OUT PERIOD
0.022
F4.4ms
0.047
F9.4ms
0.1
F
20ms
NOTE: Nominal time-out period in seconds = CTIM x 200k
CORRECT
TO ISEN AND
CURRENT
SENSE RESISTOR
INCORRECT
FIGURE 1. SENSE RESISTOR PCB LAYOUT
RISET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com