Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP1012A Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HIP1012A
Description  Dual Power Distribution Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP1012A Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HIP1012A Datasheet HTML 4Page - Renesas Technology Corp HIP1012A Datasheet HTML 5Page - Renesas Technology Corp HIP1012A Datasheet HTML 6Page - Renesas Technology Corp HIP1012A Datasheet HTML 7Page - Renesas Technology Corp HIP1012A Datasheet HTML 8Page - Renesas Technology Corp HIP1012A Datasheet HTML 9Page - Renesas Technology Corp HIP1012A Datasheet HTML 10Page - Renesas Technology Corp HIP1012A Datasheet HTML 11Page - Renesas Technology Corp HIP1012A Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
HIP1012A
FN4419 Rev 6.00
Page 8 of 15
March 2004
FIGURE 8. 12V, 3/5V GATE DRIVE
FIGURE 9. PUMP VOLTAGE
FIGURE 10. OC VOLTAGE THRESHOLD WITH RLIM = 5k
FIGURE 11. OC VOLTAGE THRESHOLD WITH RLIM = 10k
FIGURE 12. POWER ON RESET VOLTAGE THRESHOLD
Typical Performance Curves (Continued)
12V VG
3.3V, 5V VG
20
40
60
80
-40
0
-20
17.36
17.34
17.32
17.30
17.28
17.26
11.935
11.930
11.925
11.920
11.915
11.910
11.905
11.900
TEMPERATURE (°C)
20
40
60
80
-40
0
-20
TEMPERATURE (°C)
17.6
17.4
17.2
16.8
16.6
17.0
CHARGE PUMP VOLTAGE
NO LOAD
CHARGE PUMP VOLTAGE
100µA LOAD
20
40
60
80
-40
0
-20
TEMPERATURE (°C)
54.5
54.0
53.5
53.0
52.5
12 OC Vth
5 OC Vth
20
40
60
80
-40
0
-20
12 OC VTth
5 OC Vth
TEMPERATURE (°C)
102.5
102.0
101.5
101.0
100.5
-40
-20
0
20
40
60
80
-30
-10
10
30
50
70
10.2
10.0
9.8
9.6
TEMPERATURE (°C)
VDD LOW TO HIGH
VDD HIGH TO LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com