Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4080AIP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HIP4080AIP
Description  80V/2.5A Peak, High Frequency Full Bridge FET Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4080AIP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HIP4080AIP Datasheet HTML 6Page - Renesas Technology Corp HIP4080AIP Datasheet HTML 7Page - Renesas Technology Corp HIP4080AIP Datasheet HTML 8Page - Renesas Technology Corp HIP4080AIP Datasheet HTML 9Page - Renesas Technology Corp HIP4080AIP Datasheet HTML 10Page - Renesas Technology Corp HIP4080AIP Datasheet HTML 11Page - Renesas Technology Corp HIP4080AIP Datasheet HTML 12Page - Renesas Technology Corp HIP4080AIP Datasheet HTML 13Page - Renesas Technology Corp HIP4080AIP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
HIP4080A
FN3658 Rev.7.00
Page 10 of 17
July 2004
FIGURE 10. DIS LOW LEVEL INPUT CURRENT IIL vs
TEMPERATURE
FIGURE 11. HEN LOW LEVEL INPUT CURRENT IIL vs
TEMPERATURE
FIGURE 12. AHB - AHS, BHB - BHS NO-LOAD CHARGE PUMP
VOLTAGE vs TEMPERATURE
FIGURE 13. UPPER DISABLE TURN-OFF PROPAGATION
DELAY TDISHIGH vs TEMPERATURE
FIGURE 14. DISABLE TO UPPER ENABLE TUEN
PROPAGATION DELAY vs TEMPERATURE
FIGURE 15. LOWER DISABLE TURN-OFF PROPAGATION
DELAY TDISLOW vs TEMPERATURE
Typical Performance Curves VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V, RHDEL = RLDEL =
100K, and TA = +25°C, Unless Otherwise Specified (Continued)
-50
-25
0
25
50
75
100
125
-120
-110
-100
-90
JUNCTION TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
120
-230
-220
-210
-200
-190
-180
JUNCTION TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
120
10.0
11.0
12.0
13.0
14.0
15.0
JUNCTION TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
120
30
40
50
60
70
80
JUNCTION TEMPERATURE (°C)
425
450
475
500
525
-50
-25
0
25
50
75
100
125 150
JUNCTION TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
120
30
40
50
60
70
80
JUNCTION TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com