Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4080AIP Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HIP4080AIP
Description  80V/2.5A Peak, High Frequency Full Bridge FET Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4080AIP Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HIP4080AIP Datasheet HTML 9Page - Renesas Technology Corp HIP4080AIP Datasheet HTML 10Page - Renesas Technology Corp HIP4080AIP Datasheet HTML 11Page - Renesas Technology Corp HIP4080AIP Datasheet HTML 12Page - Renesas Technology Corp HIP4080AIP Datasheet HTML 13Page - Renesas Technology Corp HIP4080AIP Datasheet HTML 14Page - Renesas Technology Corp HIP4080AIP Datasheet HTML 15Page - Renesas Technology Corp HIP4080AIP Datasheet HTML 16Page - Renesas Technology Corp HIP4080AIP Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
1
2
3
1
3
1
3
6
5
1
2
3
2
1
12
13
1
3
10
11
1
2
3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
L1
R21
Q1
Q3
Q4
R22
L2
R23
C1
C3
JMPR1
R24
R30
R31
C2
R34
C4
CR2
CR1
Q2
JMPR3
JMPR2
JMPR4
R33
C5
C6
CX
CY
C8
U1
CW
CW
+
B+
IN2 IN1
BO
OUT/BLI
IN-/AHI
COM
IN+/ALI
+12V
+12V
BLS
AO
HEN/BHI
ALS
CD4069UB
CD4069UB
CD4069UB
CD4069UB
HIP4080A/81A
SECTION
CONTROL LOGIC
POWER SECTION
DRIVER SECTION
AHO
AHB
AHS
LDEL
ALO
HDEL
ALS
IN-/AHI
VCC
IN+/ALI
VDD
OUT/BLI
BLS
VSS
BLO
DIS
BHS
HEN/BHI
BHO
BHB
R29
U2
U2
U2
U2
2
2
2
NOTES:
1. DEVICE CD4069UB PIN 7 = COM. PIN 14 = +12V.
2. COMPONENTS L1, L2, C1, C2, CX, CY, R30, R31, ARE NOT
SUPPLIED. REFER TO APPLICATION NOTE FOR HELP IN
DETERMINING JMPR1 - JMPR4 JUMPER LOCATIONS.
FIGURE 33. HIP4080A EVALUATION PC BOARD SCHEMATIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com