Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4080AIP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HIP4080AIP
Description  80V/2.5A Peak, High Frequency Full Bridge FET Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4080AIP Datasheet(HTML) 2 Page - Renesas Technology Corp

  HIP4080AIP Datasheet HTML 1Page - Renesas Technology Corp HIP4080AIP Datasheet HTML 2Page - Renesas Technology Corp HIP4080AIP Datasheet HTML 3Page - Renesas Technology Corp HIP4080AIP Datasheet HTML 4Page - Renesas Technology Corp HIP4080AIP Datasheet HTML 5Page - Renesas Technology Corp HIP4080AIP Datasheet HTML 6Page - Renesas Technology Corp HIP4080AIP Datasheet HTML 7Page - Renesas Technology Corp HIP4080AIP Datasheet HTML 8Page - Renesas Technology Corp HIP4080AIP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
HIP4080A
FN3658 Rev.7.00
Page 2 of 17
July 2004
Application Block Diagram
Functional Block Diagram (1/2 HIP4080A)
80V
GND
HIP4080A
GND
12V
LOAD
BHO
BHS
BLO
ALO
AHS
AHO
IN-
IN+
DIS
HEN
CHARGE
PUMP
VDD
HEN
DIS
OUT
IN+
IN_
HDEL
LDEL
VSS
TURN-ON
DELAY
+
-
TURN-ON
DELAY
DRIVER
DRIVER
AHB
AHO
AHS
VCC
ALO
ALS
CBF
TO VDD (PIN 16)
CBS
DBS
HIGH VOLTAGE BUS
 80VDC
+12VDC
LEVEL SHIFT
AND LATCH
14
10
11
12
15
13
16
2
3
5
6
7
8
9
4
BIAS
SUPPLY
UNDER-
VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com