Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP50214BVCZ Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # HSP50214BVCZ
Description  Programmable Downconverter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSP50214BVCZ Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button HSP50214BVCZ Datasheet HTML 26Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 27Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 28Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 29Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 30Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 31Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 32Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 33Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 62 page
background image
HSP50214B
FN4450 Rev 4.00
Page 30 of 62
May 1, 2007
Cartesian to Polar Converter
The Cartesian to Polar converter computes the magnitude
and phase of the I/Q vector. The I and Q inputs are 18 bits.
The converter phase output is 18-bits (truncated) with the 16
MSB’s routed to the output formatter and all 18-bits routed to
the frequency discriminator. The 16-bit output phase can be
interpreted either as two’s complement (-0.5 to
approximately 0.5) or unsigned (0.0 to approximately 1.0),
as shown in Figure 28. The phase conversion gain is 1/2
.
The phase resolution is 16-bits. The 16-bit magnitude is
unsigned binary format with a range from 0 to 2.32. The
magnitude conversion gain is 1.64676. The magnitude
resolution is 16 bits. The MSB is always zero.
Table 11 details the phase and magnitude weighting for the
16-bits output from the PDC.
The magnitude and phase computation requires 17 clocks
for full precision. At the end of the 17 clocks, the magnitude
and phase are latched into a register to be held for the next
stage, either the output formatter or frequency discriminator.
If a new input sample arrives before the end of the 17 cycles,
the results of the computations up until that time, are
latched. This latching means that an increase in speed
causes only a decrease in resolution. Table 12 details the
exact resolution that can be obtained with a fixed number of
clock cycles up to the required 17. The input magnitude and
phase errors induced by normal SNR values will almost
always be worse than the Cartesian to Polar conversion.
In the HSP50214, the input to the coordinate converter I/Q to
|r|/
 block is 18-bits. If the signal range is large and the AGC
is not used, the quantization noise can become a
contributing factor in the phase and frequency computations.
For example, if the signal range is 84dB and the maximum
signal is set at full scale, the minimum signal would have
only 4-bits each for I and Q.
In the HSP50214B, an additional data path option was
added that allows the output of the 255 tap programmable
FIR filter to be routed directly to the coordinate converter.
Rather than having to select only 18-bits out of the available
26 bit output, all 26-bits of the FIR output are routed to the
coordinate converter. This change eliminates quantization
effects to give more accuracy in the phase and frequency
discriminator outputs. The AGC settling time is not a factor
because the AGC is effectively bypassed for the magnitude,
phase, and frequency computations.
NOTE: The most significant 18-bits of the computed phase are
still routed to the discriminator.
TABLE 11. MAG/PHASE BIT WEIGHTING
BIT
MAGNITUDE
PHASE (o)
15 (MSB)
22 (Always 0)
180
14
21
90
13
20
45
12
2-1
22.5
11
2-2
11.25
10
2-3
5.625
9
2-4
2.8125
8
2-5
1.40625
7
2-6
0.703125
6
2-7
0.3515625
5
2-8
0.17578125
4
2-9
0.087890625
3
2-10
0.043945312
2
2-11
0.021972656
1
2-12
0.010986328
0 (LSB)
2-13
0.005483164
0
+/2
-/2
0
/2
3
/2
0000
7fff
ffff
3ff f
c000
0000
8000
4000
bfff
I
Q
I
Q
ffff
3fff
4000
7fff
8000
c000
bfff
FIGURE 28. PHASE BIT MAPPING OF COORDINATE
CONVERTER OUTPUT
TABLE 12. MAG/PHASE ACCURACY vs CLOCK CYCLES
CLOCKS
MAGNITUDE
ERROR
(% fS)
PHASE
ERROR
(DEG.)
†
PHASE
ERROR
(% fS)
6
0.065
3.5
2
7
0.016
1.8
1
8
0.004
0.9
0.5
9
<0.004
0.45
0.25
10
<0.004
0.22
0.12
11
<0.004
0.11
0.062
12
<0.004
0.056
0.03
13
<0.004
0.028
0.016
14
<0.004
0.014
0.008
15
<0.004
0.007
0.004
16
<0.004
0.0035
0.002
17
<0.004
0.00175
0.001
† Assumes 180o = fS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com