Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP50214BVCZ Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # HSP50214BVCZ
Description  Programmable Downconverter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSP50214BVCZ Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button HSP50214BVCZ Datasheet HTML 28Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 29Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 30Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 31Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 32Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 33Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 34Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 35Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
HSP50214B
FN4450 Rev 4.00
Page 32 of 62
May 1, 2007
The Discriminator FIR filter input selections are made in
Control Word 27, Bits 18 and 19. The bit definitions are:
00 Item (1) described above.
01 Item (2) described above.
1X Item (3) described above.
Control Word 27, Bit 14 is used to control the Q input to the
coordinate converter. The bit definitions is:
0
I and Q enabled to the I/Q to R/Theta block.
1
The Q input to the I/Q to R/Theta block is zeroed.
The enable signals associated with the various input
selections to the Discriminator FIR filter are:
1
The data ready strobe from the coordinate con-
verter block.
2
The data ready strobe from the coordinate con-
verter block.
The enable signals associated with the various input
selections to the coordinate converter are:
3a
The data ready signal to the coordinate converter
block when the resampler is bypassed. This is the
AGC output data ready signal.
3b
The data ready to the coordinate converter block
when the resampler/halfband filters are enabled.
This is the resampler halfband filter block output
data ready signal.
The discriminator input is 18-bits, and the output is rounded
asymmetrically to 16-bits. The phase into the discriminator
can be multiplied by 20, 21, 22, or 23 (modulo 2
) to remove
PSK data modulation. All programmable parameters for the
Frequency Discriminator are set in Control Word 17. Bits 15
and 16 are the phase multiplier which represents the shift
applied to the input phase. For CW, the multiply should equal
20, (00). For BPSK, QPSK, and 8PSK, the multiply should
equal 21, (01); 22, (10); or 23, (11); respectively. Bit 14 is
used to enable or disable the discriminator. Bits 11-13 set the
decimation in the programmable FIR filter. Bit 10 sets the
filter symmetry type as either odd or even, bit 9 sets whether
the filter is asymmetric or symmetric, and bits 3-8 set the
number of FIR filter taps. Bits 0-2 set the number of delays in
the frequency discriminator.
Output Section
The Output Section routes the 7 types of processed signals to
output pins in three basic modes. These basic modes are:
Parallel Direct Output, Serial Direct Output, and the Buffer
RAM Output. The Serial and Parallel Direct Output modes
were designed to output data strobes and “real time”
continuous streams of data. The Buffer RAM Output mode
outputs data upon receipt of an asynchronous request from an
external DSP processor or other baseband processing
engine. The use of the interrupt signal from the
Programmable Down Converter in conjunction with the
request strobes from the controller ensures that data is
transferred only when both the controller and the
Programmable Down Converter are ready. The Buffer RAM
output can be operated in a First In First Out (FIFO) or
SNAPSHOT mode with the data output either via the 8-bit
processor interface or a 16-bit processor interface.
Parallel Direct Output Port Mode
The Parallel Direct Output Port Mode outputs two 16-bit words,
AOUT and BOUT, of “real time” data. Figure 30 details the
parallel output circuitry. Selection of the data source for the
AOUT and BOUT parallel outputs is done via Control Word 20,
Bits 22-23, and 20-21, respectively. The AOUT port can output
I, Magnitude, or Frequency data. The BOUT port can output Q,
Phase or Magnitude data. The upper bytes of AOUT and
BOUT are always in the parallel direct mode. The 16-bit parallel
direct mode is selected by setting Control Word 20, Bit 25, to
zero.
The DATARDY output is asserted during the first clock cycle
of the new data on the AOUT bus. The rate at which the data
out of the HSP50214 transitions and the rate at which
DATARDY is asserted can be different.
Data Transitions:
The transition rate of the parallel output data is dependent on
which of the three types of data is selected for the AOUT
Output channel: I (real symbols), |r| (magnitude), or f
(frequency). Q (quadrature symbols), ø (phase), or |r|
(magnitude) are available on the BOUT output. When selected
as an output, the I Q, |r|, and ø outputs transition at the symbol
rate. The f (frequency) output transitions at the discriminator
FIR filter output rate.
I
MAG
FREQ
Q
PHAS
MAG
AOUT(15:8)
A(7:0)
RAM(15:8)
AOUT(7:0)
B(7:0)
BOUT(7:0)
RAM (7:0)
16
16
16
16
16
16
BOUT DIRECT PAR
AOUT DIRECT PAR
DATA SOURCE FOR LSB
†
BOUT(15:8)
B(15:8)
A(15:8)
RAM (15:0)
OUTPUT MODE
DATA SOURCE
†
OUTPUT MODE
DATA SOURCE
†
† Controlled via microprocessor interface.
FIGURE 30. PARALLEL OUTPUT BLOCK DIAGRAM
DATARDY
(2’s COMPLEMENT)
(UNSIGNED BINARY)
(2’s COMPLEMENT)
(2’s COMPLEMENT)
(2’s COMPLEMENT)
(UNSIGNED BINARY)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com