Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP50214BVCZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HSP50214BVCZ
Description  Programmable Downconverter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSP50214BVCZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HSP50214BVCZ Datasheet HTML 10Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 11Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 12Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 13Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 14Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 15Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 16Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 17Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
HSP50214B
FN4450 Rev 4.00
Page 14 of 62
May 1, 2007
The phase of the Carrier NCO can be shifted by adding a 10-
bit phase offset to the MSB’s (modulo 360o) of the output of
the phase accumulator. This phase offset control has a
resolution of 0.35o and can be interpreted as two’s
complement from -180o to 180o
(-to) or as binary from 0
to 360o
(0to2). The phase offset is given by:
or, in terms of the parameter to be programmed:
where PO is the 10-bit two’s complement value loaded into the
Phase Offset Register (Control Word 4, Bits 9-0). For example,
a value of 32 (decimal) loaded into the Phase Offset Register
would produce a phase offset of 11.25o and a value of -512
would produce an offset of 180o. The phase offset is loaded via
the microprocessor interface. See the Microprocessor Write
Section on instructions for writing Control Word 4.
The most significant 18-bits from the phase adder are used
as the address a sin/cos lookup table. This lookup table
maps phase into sinusoidal amplitude. The sine and cosine
values have 18-bits of amplitude resolution. The spurious
components in the sine/cosine generation are at least
-102dBc. The sine and cosine samples are routed to the
mixer section where they are multiplied with the input
samples to translate the signal of interest to baseband.
The mixer multiplies the 14-bit input by the 18-bit quadrature
sinusoids. The mixer equations are:
The mixer output is rounded symmetrically to 15-bits.
To allow the frequency and phase of multiple parts to be
updated synchronously, two sets of registers are used for
latching the center frequency and phase offset words. The
offset phase and center frequency Control Words are first
loaded into holding registers. The contents of the holding
registers are transferred to active registers in one of two ways.
The first technique involves writing to a specific Control Word
Address. A processor write to Control Word 5, transfers the
center frequency value to the active register while a processor
write to Control Word 6 transfers the phase offset value to the
active register.
The second technique, designed for synchronizing updates to
multiple parts, uses the SYNCIN1 pin to update the active
registers. When Control Word 1, Bit 20 is set to 1, the SYNCIN1
pin causes both the center frequency and Phase Offset Holding
Registers to be transferred to active registers. Additionally,
when Control Word 0, Bit 0 is set to 1, the feedback in the
phase accumulator is zeroed when the transfer from the
holding to active register occurs. This feature provides
synchronization of the phase accumulator starting phase of
multiple parts. It can also be used to reset the phase of the
NCO synchronous with a specific event.
The carrier offset frequency is loaded using the COF and
COFSYNC pins. Figure 13 details the timing relationship
between COF, COFSYNC and CLKIN. The offset frequency
word can be zeroed if it is not needed. Similarly, the
Sample Offset Frequency Register controlling the Re-
Sampler NCO is loaded via the SOF and SOFSYNC pins.
The procedure for loading data through the two pin NCO
interfaces is identical except that the timing of SOF and
SOFSYNC is relative to PROCCLK.
Each serial word has a programmable word width of either 8,
16, 24, or 32-bits (See Control Word 0, Bits 4 and 5, for the
Carrier NCO programming and Control Word 11, Bits 3 and
4, for Timing NCO programming). On the rising edge of the
clock, data on COF or SOF is clocked into an input shift
register. The beginning of a serial word is designated by
asserting either COFSYNC or SOFSYNC “high” one CLK
period prior to the first data bit.
NOTE: Serial Data must be loaded MSB first, and COFSYNC or
SOFSYNC should not be asserted for more than one
CLK cycle.
OFF
2
PO 2
10

2
9
 PO
2
9
1
–


–

;
=
(EQ. 4)
512 to 511
–

PO
INT 2
10
OFF
 2

HEX
–
OFF


;
=
(EQ. 4A)
IOUT
IIN
c

cos
=
(EQ. 5)
QOUT
IIN
c

sin
=
(EQ. 5A)
COF/
MSB
MSB
CLKIN
COFSYNC/
SOFSYNC
SOF
LSB
NOTE:
Data must be loaded MSB first.
FIGURE 13. SERIAL INPUT TIMING FOR COF AND SOF INPUTS
†Serial word width can be: 8, 16, 24, 32 bits wide.
††TD is determined by the COFSYNC, COFSYNC rate.
FIGURE 14. HOLDING REGISTERS LOAD SEQUENCE FOR
COF AND SOF SERIAL OFFSET FREQUENCY
DATA
32
†
54
50
46
42
38
34
30
26
22
18
14
10
6
2
30
28
26
24
†
22
20
18
16
†
14
12
10
8
†
6
4
2
0
DATA TRANSFERRED
TO HOLDING REGISTER
TD††
TD††
TD††
TD††
CLK TIMES
ASSERTION OF
COFSYNC, SOFSYNC
(8)
(32)
(16)
(24)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com