Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-252 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TO-252
Description  3.0 AMP POSITIVE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TO-252 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TO-252 Datasheet HTML 1Page - List of Unclassifed Manufacturers TO-252 Datasheet HTML 2Page - List of Unclassifed Manufacturers TO-252 Datasheet HTML 3Page - List of Unclassifed Manufacturers TO-252 Datasheet HTML 4Page - List of Unclassifed Manufacturers TO-252 Datasheet HTML 5Page - List of Unclassifed Manufacturers TO-252 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CM1085
3.0 AMP POSITIVE VOLTAGE REGULATOR
2003/05/14
Preliminary Rev. 0.2
Champion Microelectronic Corporation
Page 2
BLOCK DIAGRAM
ORDERING INFORMATION
Package Type
TO-252
Operating Temperature Range (TA)
Output Voltage
CM1085KCN252
0℃ ~ +70℃
2.5V
CM1085SCN252
0℃ ~ +70℃
3.3V
CM1085CN252
0℃ ~ +70℃
ADJ.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Maximum
Units
Input Supply Voltage
VIN
7
V
Power Dissipation
PD
Internally
Limited.
W
Thermal Resistance Junction to Case
TO-263
θJC
2.5
℃/W
Thermal Resistance Junction to Ambient
TO-252
θJA
80
℃/W
Operating Junction Temperature Range
TJ
0 to 125
Storage Temperature Range
TSTG
-65 to 150
Lead Temperature(Soldering)10 Sec
TLEAD
260
S.O.A
CURRENT
LIMITING
AMPLIFIER
THERMAL
OVERLOAD
SENSE
Limit
VOLTAGE
REGULATION
AMPLIFIER
VREF
OUTPUT
ADJ/COM
INPUT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com