Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-252 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TO-252
Description  3.0 AMP POSITIVE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TO-252 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TO-252 Datasheet HTML 1Page - List of Unclassifed Manufacturers TO-252 Datasheet HTML 2Page - List of Unclassifed Manufacturers TO-252 Datasheet HTML 3Page - List of Unclassifed Manufacturers TO-252 Datasheet HTML 4Page - List of Unclassifed Manufacturers TO-252 Datasheet HTML 5Page - List of Unclassifed Manufacturers TO-252 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CM1085
3.0 AMP POSITIVE VOLTAGE REGULATOR
2003/05/14
Preliminary Rev. 0.2
Champion Microelectronic Corporation
Page 3
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, Adj VIN = 3.8V to 7.0V and Adj I0 =10mA to 3.0A, Fixed mode VIN = 4.75V to 7.0V and Adj I0 =10mA
to 3.0A
Test Conditions
Test Limits
Parameter
Symbol
VIN
l0
Tj
Min
Typ
Max
Units
5V
0mA
25℃
0.99l V0I
V0
1.01IV0I
Output Voltage
1
Fixed Voltage
VO
3A
125℃
0.98l V0I
V0
1.02IV0I
V
5V
10mA
25℃
1.238
1.250
1.262
Reference Voltage
1
Adj Voltage Version
VREF
3A
125℃
1.225
1.250
1.275
V
Line Regulation
1
REGLINE
10mA
25℃
0.015
0.2
%
Load Regulation
1
REGLOAD
5V
25℃
0.1
0.3
%
25℃
1
Dropout Voltage
2
CM1085
VD
125℃
1.1
1.3
V
Current Limit
ICL
125℃
5.0
7.5
A
Quiescent Current (fixed
voltage)
IO
5V
12
14
mA
Temperature Coefficient
TC
0.005
%/℃
Adjust Pin Current
IADJ
25℃
55
120
μA
Adjust Pin Current
Change
ΔIADJ
0.2
5
μA
Temperature Stability
TS
5V
0.5A
0.5
%
Minimum Load Current
Adj Voltage Version
IO
5V
5
14
mA
RMS Output Noise
3
VN
25℃
0.003
%VO
Ripple Rejection Ratio
4
RA
5V
5.0A
125℃
60
72
dB
NOTES:
(1) Low duty cycle pulse testing with Kelvin connections required.
(2) ΔVOUT , ΔVREF =1%
(3) Bandwidth of 10 Hz to 10 kHz.
(4) 120 Hz input ripple(CADJ for ADJ=25μF)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com