Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-252 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TO-252
Description  3.0 AMP POSITIVE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TO-252 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TO-252 Datasheet HTML 1Page - List of Unclassifed Manufacturers TO-252 Datasheet HTML 2Page - List of Unclassifed Manufacturers TO-252 Datasheet HTML 3Page - List of Unclassifed Manufacturers TO-252 Datasheet HTML 4Page - List of Unclassifed Manufacturers TO-252 Datasheet HTML 5Page - List of Unclassifed Manufacturers TO-252 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CM1085
3.0 AMP POSITIVE VOLTAGE REGULATOR
2003/05/14
Preliminary Rev. 0.2
Champion Microelectronic Corporation
Page 1
GENERAL DESCRIPTION
FEATURES
The CM1085 series of high performance positive voltage
regulators are designed for use in applications requiring low
dropout performance at full rated current. Additionally, the
CM1085 series provides excellent regulation over variations
in line, load and temperature.
Outstanding features include low dropout performance at
rated current, fast transient response, internal current
limiting and thermal shutdown protection of the output
device. The CM1085 series are three terminal regulators
with adjustable voltage options available in popular
packages.
!
Low dropout performance
!
1.3V max. for CM1085
!
Full current rating over line and temperature
!
Fast transient response
!
±2% total output regulation over line, load and temperature
!
Adjust pin current max 90µA over temperature
!
Adjustable output voltage
!
Line regulation typically 0.015%
!
Load regulation typically 0.1%
!
TO-252 package
APPLICATIONS
!
Power Supplies
!
Computer Add-On Cards
!
Other Applications Requiring Low Dropout Voltage Over
Rated Current
PIN CONFIGURATION
TO-252
Top View
1
23


Similar Part No. - TO-252

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TO-252 ETC-TO-252 Datasheet
6Kb / 1P
TO-252 (MP-3Z)
logo
Analog Microelectronics
TO-252 AME-TO-252 Datasheet
47Kb / 1P
Carrier Width (W) 16.0-0.1 mm Pitch (P) 4.0-0.1 mm
logo
SHENZHEN YONGERJIA INDU...
TO-252 WINNERJOIN-TO-252 Datasheet
133Kb / 1P
TRANSISTOR (PNP)
TO-252 WINNERJOIN-TO-252 Datasheet
80Kb / 1P
Three-terminal positive voltage regulator
logo
Continental Device Indi...
TO-252 CDIL-TO-252 Datasheet
240Kb / 5P
TO-252 (DPAK) SMD Plastic Package
More results

Similar Description - TO-252

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP140A SEME-LAB-IP140A Datasheet
55Kb / 5P
1 AMP POSITIVE VOLTAGE REGULATOR
LT1085GMD SEME-LAB-LT1085GMD Datasheet
31Kb / 3P
3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1082 SEMTECH-EZ1082 Datasheet
66Kb / 4P
10.0 AMP POSITIVE VOLTAGE REGULATOR
EZ1084 SEMTECH-EZ1084 Datasheet
76Kb / 4P
5.0 AMP POSITIVE VOLTAGE REGULATOR
EZ1085 SEMTECH-EZ1085 Datasheet
100Kb / 4P
3.0 AMP POSITIVE VOLTAGE REGULATOR
logo
Seme LAB
LT1084M SEME-LAB-LT1084M Datasheet
32Kb / 3P
5 AMP POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
OM7637SM ETC2-OM7637SM Datasheet
19Kb / 2P
SURFACE MOUNT POSITIVE ADJUSTABLE 3.0 AMP VOLTAGE REGULATOR
logo
Sensitron
SHD526154 SENSITRON-SHD526154 Datasheet
53Kb / 3P
POSITIVE FIXED 3.3 VOLT 3.0 AMP VOLTAGE REGULATOR
logo
Seme LAB
LM1085M SEME-LAB-LM1085M Datasheet
38Kb / 3P
3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1085CM-TR SEMTECH-EZ1085CM-TR Datasheet
168Kb / 6P
3 Amp Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com