Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6721 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL6721
Description  Flexible Single-Ended Current Mode PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6721 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL6721 Datasheet HTML 1Page - Renesas Technology Corp ISL6721 Datasheet HTML 2Page - Renesas Technology Corp ISL6721 Datasheet HTML 3Page - Renesas Technology Corp ISL6721 Datasheet HTML 4Page - Renesas Technology Corp ISL6721 Datasheet HTML 5Page - Renesas Technology Corp ISL6721 Datasheet HTML 6Page - Renesas Technology Corp ISL6721 Datasheet HTML 7Page - Renesas Technology Corp ISL6721 Datasheet HTML 8Page - Renesas Technology Corp ISL6721 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
FN9110 Rev 9.00
Page 1 of 23
May 20, 2016
FN9110
Rev 9.00
May 20, 2016
ISL6721
Flexible Single-Ended Current Mode PWM Controller
DATASHEET
The ISL6721 is a low power, single-ended Pulse Width
Modulating (PWM) current mode controller designed for a wide
range of DC/DC conversion applications including Boost,
Flyback and isolated output configurations. Peak current
mode control effectively handles power transients and
provides inherent overcurrent protection. Other features
include a low power mode where the supply current drops to
less than 200µA during overvoltage and overcurrent shutdown
faults.
This advanced BiCMOS design features low operating current,
adjustable operating frequency up to 1MHz, adjustable
soft-start, and a bidirectional SYNC signal that allows the
oscillator to be locked to an external clock for noise sensitive
applications.
Applications
• Telecom and datacom power
• Wireless base station power
• File server power
• Industrial power systems
• Isolated buck and Flyback regulators
• Boost regulators
Features
• 1A MOSFET gate driver
• 100µA start-up current
• Fast transient response with peak current mode control
• Adjustable switching frequency up to 1MHz
• Bidirectional synchronization
• Low power disable mode
• Delayed restart from OV and OC shutdown faults
• Adjustable slope compensation
•Adjustable soft-start
• Adjustable overcurrent shutdown threshold
• Adjustable UV and OV monitors
• Leading edge blanking
• Integrated thermal shutdown
• 1% tolerance voltage reference
• Pb-free available (RoHS compliant)
Related Literature
• AN1384, “ISL6841EVAL3Z Evaluation Board for General
Purpose Industrial Applications”
• AN1491, “ISL6721EVAL3Z: Resonant Reset Forward
Converters for Low Power”
ISL6721
(16 LD TSSOP)
(16 LD SOIC)
TOP VIEW
GATE
ISENSE
SYNC
SLOPE
UV
OV
RTCT
VC
PGND
VCC
VREF
LGND
SS
COMP
1
2
3
4
5
6
7
16
15
14
13
12
11
10
8
9
ISET
FB


Similar Part No. - ISL6721

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6721 INTERSIL-ISL6721 Datasheet
425Kb / 21P
Flexible Single Ended Current Mode PWM Controller
April 13, 2007
ISL6721 INTERSIL-ISL6721 Datasheet
393Kb / 22P
Flexible Single-ended Current Mode PWM Controller
March 5, 2008
ISL6721 INTERSIL-ISL6721 Datasheet
383Kb / 22P
Flexible Single-ended Current Mode PWM Controller
March 5, 2008
ISL6721A INTERSIL-ISL6721A Datasheet
673Kb / 24P
Flexible Single-ended Current Mode PWM Controller
August 23, 2011
logo
Renesas Technology Corp
ISL6721A RENESAS-ISL6721A Datasheet
959Kb / 24P
Flexible Single-ended Current Mode PWM Controller
More results

Similar Description - ISL6721

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6721 INTERSIL-ISL6721_07 Datasheet
425Kb / 21P
Flexible Single Ended Current Mode PWM Controller
April 13, 2007
ISL6722A INTERSIL-ISL6722A Datasheet
647Kb / 24P
Flexible Single Ended Current Mode PWM
July 11, 2007
ISL6721 INTERSIL-ISL6721 Datasheet
393Kb / 22P
Flexible Single-ended Current Mode PWM Controller
March 5, 2008
ISL6721A INTERSIL-ISL6721A Datasheet
673Kb / 24P
Flexible Single-ended Current Mode PWM Controller
August 23, 2011
ISL6721ABZ-T INTERSIL-ISL6721ABZ-T Datasheet
386Kb / 22P
Flexible Single-ended Current Mode PWM Controller
March 5, 2008
ISL6721AB INTERSIL-ISL6721AB Datasheet
383Kb / 22P
Flexible Single-ended Current Mode PWM Controller
March 5, 2008
ISL6721AARZ INTERSIL-ISL6721AARZ Datasheet
673Kb / 24P
Flexible Single-ended Current Mode PWM Controller
August 23, 2011
ISL6722AABZ INTERSIL-ISL6722AABZ Datasheet
613Kb / 26P
Flexible Single Ended Current Mode PWM Controllers
September 29, 2015
logo
Renesas Technology Corp
ISL6721A RENESAS-ISL6721A Datasheet
959Kb / 24P
Flexible Single-ended Current Mode PWM Controller
ISL6721A RENESAS-ISL6721A_V01 Datasheet
1Mb / 36P
Flexible Single-Ended Current Mode PWM Controller
Jul 24, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com