Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6721 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL6721
Description  Flexible Single-Ended Current Mode PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6721 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL6721 Datasheet HTML 9Page - Renesas Technology Corp ISL6721 Datasheet HTML 10Page - Renesas Technology Corp ISL6721 Datasheet HTML 11Page - Renesas Technology Corp ISL6721 Datasheet HTML 12Page - Renesas Technology Corp ISL6721 Datasheet HTML 13Page - Renesas Technology Corp ISL6721 Datasheet HTML 14Page - Renesas Technology Corp ISL6721 Datasheet HTML 15Page - Renesas Technology Corp ISL6721 Datasheet HTML 16Page - Renesas Technology Corp ISL6721 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
ISL6721
FN9110 Rev 9.00
Page 13 of 23
May 20, 2016
Circuit Element Descriptions
The converter design may be broken down into the following
functional blocks:
• Input storage and filtering capacitor: C1, C2, C3
• Isolation transformer: T1
• Primary voltage clamp: CR6, R24, C18
•Start bias regulator: R1, R2, R6, Q3, VR1
• Operating bias and regulator: R25, Q2, D1, C5, CR2, D2
• Main MOSFET power switch: Q1
• Current sense network: R4, R3, R23, C4
• Feedback network: R13, R15, R16, R17, R18, R19, R20, R26,
R27, C13, C14, U2, U3
• Control circuit: C7, C8, C9, C10, C11, C12, R5, R6, R8, R9,
R10, R11, R12, R14, R22
• Output rectification and filtering: CR4, CR5, C15, C16, C19,
C20, C21, C22
•Secondary snubber: R21, C17
Design Criteria
The following design requirements were selected:
•Switching frequency, fsw: 200kHz
•VIN: 36V to 75V
•VOUT(1): 3.3V at 2.5A
•VOUT(2): 1.8V at 1.0A
•VOUT(BIAS): 12V at 50mA
•POUT: 10W
• Efficiency: 70%
• Maximum duty cycle, DMAX: 0.45
Transformer Design
The design of a Flyback transformer is a non-trivial affair. It is
an iterative process, which requires a great deal of experience
to achieve the desired result. It is a process of many
compromises, and even experienced designers will produce
different designs when presented with identical requirements.
The iterative design process is not presented here for clarity.
The abbreviated design process follows:
• Select a core geometry suitable for the application.
Constraints of height, footprint, mounting preference, and
operating environment will affect the choice.
• Select suitable core material(s).
• Select maximum flux density desired for operation.
• Select core size. Core size will be dictated by the capability
of the core structure to store the required energy, the
number of turns that have to be wound and the wire gauge
needed. Often the window area (the space used for the
windings) and power loss determine the final core size. For
Flyback transformers, the ability to store energy is the
critical factor in determining the core size. The cross
sectional area of the core and the length of the air gap in the
magnetic path determine the energy storage capability.
• Determine maximum desired flux density. Depending on the
frequency of operation, the core material selected, and the
operating environment, the allowed flux density must be
determined. The decision of what flux density to allow is
often difficult to determine initially. Usually the highest flux
density that produces an acceptable design is used, but
often the winding geometry dictates a larger core than is
required based on flux density and energy storage
calculations.
• Determine the number of primary turns.
• Determine the turns ratio.
• Select the wire gauge for each winding.
• Determine winding order and insulation requirements.
•Verify the design.
Input Power:
•POUT/efficiency = 14.3W (use 15W)
•Max On time: tON(MAX) = DMAX/fsw = 2.25µs
• Average input current: IAVG(IN) = PIN/VIN(MIN) = 0.42A
Peak Primary Current:
Maximum Primary Inductance:
Choose desired primary inductance to be 40µH.
The core structure must be able to deliver a certain amount of
energy to the secondary on each switching cycle in order to
maintain the specified output power.
Where
w is the amount of energy required to be transferred
each cycle and Vd is the drop across the output rectifier.
The capacity of a gapped ferrite core structure to store energy
is dependent on the volume of the airgap and can be
expressed in Equation 12:
Where Aeff is the effective cross sectional area of the core in
m2, lg is the length of the airgap in meters, µo is the
permeability of free space (4
10-7) and B is the change in
flux density in Tesla.
A core structure having less airgap volume than calculated will
be incapable of providing the full output power over some
portion of its operating range. On the other hand, if the length of
the airgap becomes large, magnetic field fringing around the
IPPK
2IAVG IN

fsw tON MAX

-----------------------------------------
1.87
==
A
(EQ. 9)
Lp max

VIN MIN
 tON MAX

IPPK
---------------------------------------------------------
43.3
==
H
(EQ. 10)
wP
OUT
VOUT Vd
+

fsw VOUT
------------------------------------
=
joules
(EQ. 11)
Vg
Aeff lg
2
o w
B
2
-----------------------------
==
m
3
(EQ. 12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com