Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6721 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL6721
Description  Flexible Single-Ended Current Mode PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6721 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL6721 Datasheet HTML 1Page - Renesas Technology Corp ISL6721 Datasheet HTML 2Page - Renesas Technology Corp ISL6721 Datasheet HTML 3Page - Renesas Technology Corp ISL6721 Datasheet HTML 4Page - Renesas Technology Corp ISL6721 Datasheet HTML 5Page - Renesas Technology Corp ISL6721 Datasheet HTML 6Page - Renesas Technology Corp ISL6721 Datasheet HTML 7Page - Renesas Technology Corp ISL6721 Datasheet HTML 8Page - Renesas Technology Corp ISL6721 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ISL6721
FN9110 Rev 9.00
Page 2 of 23
May 20, 2016
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
ISL6721ABZ
6721ABZ
-40 to +105
16 Ld SOIC (150 mil)
M16.15
ISL6721AV-T
(No longer available, recommended
replacement: ISL6721AVZ-T)
ISL67 21AV
-40 to +105
16 Ld TSSOP (4.4mm)
M16.173
ISL6721AVZ
ISL67 21AVZ
-40 to +105
16 Ld TSSOP (4.4mm)
M16.173
ISL6721EVAL3Z
Evaluation Board
NOTES:
1. Add “-T” suffix for 2.5k unit for Tape and Reel options. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials and 100% matte tin
plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL6721. For more information on MSL please see techbrief TB363.
TABLE 1. KEY DIFFERENCES BETWEEN FAMILY OF PARTS
PART NUMBER
ISL6721
ISL6721A
   UVLO  thresholds (start/stop) (V)
8.25/7.70
6.80/6.20
   UV threshold   (V)
1.45
1.93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com