Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLR131 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PLR131
Description  Technical Data Sheet Photo link Light Receiver Unit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PLR131 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PLR131 Datasheet HTML 1Page - List of Unclassifed Manufacturers PLR131 Datasheet HTML 2Page - List of Unclassifed Manufacturers PLR131 Datasheet HTML 3Page - List of Unclassifed Manufacturers PLR131 Datasheet HTML 4Page - List of Unclassifed Manufacturers PLR131 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
http://www.everlight.com
Rev 1.2
Page: 2 of 5
Device NO: DPL-832-001
Prepared Date:04-27-2004
Prepared By: Chin-Chia Hsu
PLR131
Package Dimensions
32
1
Notes : 1.All dimensions are in millimeters.
2.General Tolerance :±0.2mm
Absolute Maximum Ratings( Ta = 25℃)
Parameter
Symbol
Rating
Unit
Supply Voltage
Vcc
6
V
Output Voltage
Vout
Vcc+0.3
V
Storage Temperature
Tstg
-30 to 80
℃
Operating Temperature
Topr
-20 to 70
℃
Soldering Temperature
Tsol
260*
℃
* Soldering time
≤ 10 s.
Pin Function
1. Vout
2. GND
3. Vcc



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com