Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLR131 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PLR131
Description  Technical Data Sheet Photo link Light Receiver Unit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PLR131 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PLR131 Datasheet HTML 1Page - List of Unclassifed Manufacturers PLR131 Datasheet HTML 2Page - List of Unclassifed Manufacturers PLR131 Datasheet HTML 3Page - List of Unclassifed Manufacturers PLR131 Datasheet HTML 4Page - List of Unclassifed Manufacturers PLR131 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
http://www.everlight.com
Rev 1.2
Page: 1 of 5
Device NO: DPL-832-001
Prepared Date:04-27-2004
Prepared By: Chin-Chia Hsu
Technical Data Sheet
Photo link Light Receiver Unit
PLR131
Features
1. High PD sensitivity optimized for red light
2. Data Rate up to 13.2Mbps at least (NRZ signal)
3. Low power consumption for extended battery
life
4. Built-in threshold control for improved noise
Margin
5. Pb Free
Descriptions
The optical receiver is packaged with custom
optic data link interface, integrated on a proprietary
CMOS PDIC process.
The unit functions by converting optical signals
into electric ones with data rate up to 13.2Mbps at least.
The unit is operated at 5V and the signal output is
TTL compatible with high performance at low power
consumption.
Applications
1. Digital Optical Data-Link
2. Dolby AC-3 Digital Audio Interface


Similar Part No. - PLR131

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLR132 ETC-PLR132 Datasheet
130Kb / 7P
Photo-link Light Receiver Unit
logo
Everlight Electronics C...
PLR135 EVERLIGHT-PLR135 Datasheet
147Kb / 8P
Technical Data Sheet Photo link Light Receiver Unit
07-25-2005
PLR135-T EVERLIGHT-PLR135-T Datasheet
135Kb / 8P
Photolink - Fiber Optic Receiver
PLR135-T1 EVERLIGHT-PLR135-T1 Datasheet
129Kb / 8P
Photolink - Fiber Optic Receiver
PLR135-T10 EVERLIGHT-PLR135-T10 Datasheet
141Kb / 8P
Photolink- Fiber Optic Receiver
07-25-2005
More results

Similar Description - PLR131

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLR132 ETC-PLR132 Datasheet
130Kb / 7P
Photo-link Light Receiver Unit
logo
Everlight Electronics C...
PLR155 EVERLIGHT-PLR155 Datasheet
116Kb / 7P
Technical Data Sheet Photo link Light Receiver Unit
04-06-2004
PLR135 EVERLIGHT-PLR135 Datasheet
147Kb / 8P
Technical Data Sheet Photo link Light Receiver Unit
07-25-2005
PLT133 EVERLIGHT-PLT133 Datasheet
171Kb / 7P
Technical Data Sheet Photo-link Light Transmitter Unit
07-25-2005
PLR155 EVERLIGHT-PLR155_05 Datasheet
155Kb / 8P
Photo link Light Receiver Unit
PLT132 EVERLIGHT-PLT132_05 Datasheet
181Kb / 5P
Photo-link Light Transmitter Unit
PLR137 EVERLIGHT-PLR137 Datasheet
120Kb / 9P
Photo link Light Receiver Unit
2008/3/30
PLR233 EVERLIGHT-PLR233 Datasheet
151Kb / 8P
Photo link Light Receiver Unit
06-01-2006
PLR253 EVERLIGHT-PLR253 Datasheet
146Kb / 8P
Photo link Light Receiver Unit
05-15-2006
EAPLTAA7 EVERLIGHT-EAPLTAA7 Datasheet
271Kb / 5P
Photo-link Light Transmitter Unit
06.15.2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com