Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLR131 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PLR131
Description  Technical Data Sheet Photo link Light Receiver Unit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PLR131 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PLR131 Datasheet HTML 1Page - List of Unclassifed Manufacturers PLR131 Datasheet HTML 2Page - List of Unclassifed Manufacturers PLR131 Datasheet HTML 3Page - List of Unclassifed Manufacturers PLR131 Datasheet HTML 4Page - List of Unclassifed Manufacturers PLR131 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
http://www.everlight.com
Rev 1.2
Page: 3 of 5
Device NO: DPL-832-001
Prepared Date:04-27-2004
Prepared By: Chin-Chia Hsu
PLR131
Electro-Optical Characteristics(Ta=-10~70℃,Vcc=5±0.25V)
Parameter
Symbol
Conditions
MIN.
TYP. MAX. Unit
Power supply voltage
Vcc
-
4.75
5.00
5.25
V
Peak sensitivity wavelength
λp
-
-
660
-
nm
Maximum receiver power
Pc,max
Refer to Fig.1
-
-
-14
dBm
Minimum receiver power
Pc,min
Refer to Fig.1
-24
-
-
dBm
Dissipation current
Icc
Refer to Fig.2
-
4
12
mA
High level output voltage
VOH
Refer to Fig.3
2.4
4.8
-
V
Low level output voltage
VOL
Refer to Fig.3
-
0.2
0.4
V
Rise time
tr
Refer to Fig.3
10
30
ns
Fall time
tf
Refer to Fig.3
15
30
ns
Propagation delay Low to High
tpLH
Refer to Fig.3
-
-
120
ns
Propagation delay High to Low
tpHL
Refer to Fig.3
-
-
120
ns
Pulse Width Distortion
∆tw
Refer to Fig.3
-30
-
+30
ns
Refer to Fig.4,Pc=-15dBm
-
1
30
ns
Jitter
∆tj
Refer to Fig.4,Pc=-22dBm
-
-
30
ns
Transfer rate
T
NRZ signal
0.1
-
13.2
Mb/s
Measuring Method
*Fig.1 Measuring Method of Maximum and Minimum Input Power that Receiver Unit Need



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com