Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP-T776 Datasheet(PDF) 14 Page - OSRAM GmbH

Part # LP-T776
Description  white SMT package, colorless clear resin
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LP-T776 Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button LP-T776 Datasheet HTML 7Page - OSRAM GmbH LP-T776 Datasheet HTML 8Page - OSRAM GmbH LP-T776 Datasheet HTML 9Page - OSRAM GmbH LP-T776 Datasheet HTML 10Page - OSRAM GmbH LP-T776 Datasheet HTML 11Page - OSRAM GmbH LP-T776 Datasheet HTML 12Page - OSRAM GmbH LP-T776 Datasheet HTML 13Page - OSRAM GmbH LP-T776 Datasheet HTML 14Page - OSRAM GmbH LP-T776 Datasheet HTML 15Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
2004-03-29
14
LP T776
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances. For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version in the Internet.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office.
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs
incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose! Critical
components
10) page 15 may only be used in life-support devices or systems11) page 15 with the express written approval of
OSRAM OS.
Revision History: 2004-03-29
Previous Version:
2004-02-18
Page
Subjects (major changes since last revision)
Date of change
14
annotations
2002-07-23
3, 4
value (reverse voltage from 3 V to 12 V)
2002-09-18
1
feature of the device
2002-09-17
2
new types and new Q-numbers
2002-09-26
5
wavelength groups (green)
2002-09-26
1, 12
removal: pad for TTW soldering
2002-09-30
1
ESD norm
2003-09-04
3
ambient temperature
2003-09-04
all
new template
2003-10-29
all
removal of “green”
2004-02-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com