Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP-T776 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LP-T776
Description  white SMT package, colorless clear resin
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LP-T776 Datasheet(HTML) 2 Page - OSRAM GmbH

  LP-T776 Datasheet HTML 1Page - OSRAM GmbH LP-T776 Datasheet HTML 2Page - OSRAM GmbH LP-T776 Datasheet HTML 3Page - OSRAM GmbH LP-T776 Datasheet HTML 4Page - OSRAM GmbH LP-T776 Datasheet HTML 5Page - OSRAM GmbH LP-T776 Datasheet HTML 6Page - OSRAM GmbH LP-T776 Datasheet HTML 7Page - OSRAM GmbH LP-T776 Datasheet HTML 8Page - OSRAM GmbH LP-T776 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2004-03-29
2
LP T776
Anm.: -25 Gesamter Farbbereich, Lieferung in Einzelgruppen (siehe Seite 5)
Note: -25 Total color tolerance range, delivery in single groups (see page 5)
Bestellinformation
Ordering Information
Typ
Type
Emissions-
farbe
Color of
Emission
Lichtstärke
1) Seite 15
Luminous
Intensity
1)
page 15
I
F =20 mA
I
V (mcd)
Lichtstrom
2) Seite 15
Luminous
Flux
2)
page 15
I
F =20 mA
Φ
V (mlm)
Bestellnummer
Ordering Code
LP T776-L1M2-25
pure green
11.2 ... 28.0
60 (typ.)
Q65110A0240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com