Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-Q976 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LS-Q976
Description  SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-Q976 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LS-Q976 Datasheet HTML 7Page - OSRAM GmbH LS-Q976 Datasheet HTML 8Page - OSRAM GmbH LS-Q976 Datasheet HTML 9Page - OSRAM GmbH LS-Q976 Datasheet HTML 10Page - OSRAM GmbH LS-Q976 Datasheet HTML 11Page - OSRAM GmbH LS-Q976 Datasheet HTML 12Page - OSRAM GmbH LS-Q976 Datasheet HTML 13Page - OSRAM GmbH LS-Q976 Datasheet HTML 14Page - OSRAM GmbH LS-Q976 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Version 1.2
LS Q976
2014-06-04
11
Recommended Solder Pad 9) page 19
Reflow soldering
Empfohlenes Lötpaddesign 9) Seite 19
Reflow-Löten
Note:
For superior solder joint connectivity results we
recommend soldering under standard nitrogen
atmosphere. Package not suitable for ultra
sonic cleaning.
Anm.:
Um eine verbesserte Lötstellenkontaktierung zu
erreichen, empfehlen wir, unter Standard-
Stickstoffatmosphäre zu löten. Das Gehäuse ist
für Ultraschallreinigung nicht geeignet.
0.8 (0.031)
0.7 (0.028)
OHAPY606
0.8 (0.031)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com