Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-Q976 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LS-Q976
Description  SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-Q976 Datasheet(HTML) 5 Page - OSRAM GmbH

  LS-Q976 Datasheet HTML 1Page - OSRAM GmbH LS-Q976 Datasheet HTML 2Page - OSRAM GmbH LS-Q976 Datasheet HTML 3Page - OSRAM GmbH LS-Q976 Datasheet HTML 4Page - OSRAM GmbH LS-Q976 Datasheet HTML 5Page - OSRAM GmbH LS-Q976 Datasheet HTML 6Page - OSRAM GmbH LS-Q976 Datasheet HTML 7Page - OSRAM GmbH LS-Q976 Datasheet HTML 8Page - OSRAM GmbH LS-Q976 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Version 1.2
LS Q976
2014-06-04
5
Brightness Groups
Helligkeitsgruppen
Group
Luminous Intensity
1) page 19
Luminous Intensity
1) page 19
Luminous Flux 7) page 19
Gruppe
Lichtstärke 1) Seite 19
Lichtstärke 1) Seite 19
Lichtstrom 7) Seite 19
(min.) I
v [mcd]
(max.) I
v [mcd]
(typ.) Φ
V [mlm]
N
28
45
120
P
45
71
190
Q
71
112
290
R
112
180
470
Note:
The standard shipping format for serial types includes either a lower family group, an upper family group or a grouping of all individual brightness groups
of only a few brightness groups. Individual brightness groups cannot be ordered.
Anm.:
Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine obere Familiengruppe oder eine Sammelgruppe, die aus
nur wenigen Helligkeitsgruppen besteht. Einzelne Helligkeitsgruppen sind nicht bestellbar.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com