Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-Q976 Datasheet(PDF) 14 Page - OSRAM GmbH

Part # LS-Q976
Description  SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-Q976 Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button LS-Q976 Datasheet HTML 10Page - OSRAM GmbH LS-Q976 Datasheet HTML 11Page - OSRAM GmbH LS-Q976 Datasheet HTML 12Page - OSRAM GmbH LS-Q976 Datasheet HTML 13Page - OSRAM GmbH LS-Q976 Datasheet HTML 14Page - OSRAM GmbH LS-Q976 Datasheet HTML 15Page - OSRAM GmbH LS-Q976 Datasheet HTML 16Page - OSRAM GmbH LS-Q976 Datasheet HTML 17Page - OSRAM GmbH LS-Q976 Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
2014-06-04
14
Version 1.2
LS Q976
Tape dimensions in mm (inch)
Tape dim ensi ons in m m ( inch)
Reel dimensions in mm (inch)
Reel dim ensi ons in m m ( inch)
Tape and Reel
Gurtverpackung
8 mm tape with 4000 pcs. on ∅ 180 mm reel
W
P
0
P
1
P
2
D
0
E
F
8 +0.3/-0.1
4 ± 0.1
(0.157 ±
0.004)
2 ± 0.05
(0.079 ±
0.002)
or
4 ± 0.1
(0.157 ±
0.004)
2 ± 0.05
(0.079 ±
0.002)
1.5 ± 0.1
(0.059 +
0.004)
1.75 ± 0.1
(0.069 ±
0.004)
3.5 ± 0.05
(0.217 ±
0.002)
A
W
N
min
W
1
W
2max
180 (7)
8 (0.315)
60 (2.362)
8.4 + 2 (0.331 +
0.079)
14.4 (0.567)
D0
2
P
P0
1
P
Direction of unreeling
W1
2
W
OHAY0324
Label
Leader:
Trailer:
Direction of unreeling
min. 160 mm *
min. 400 mm *
*) Dimensions acc. to IEC 60286-3; EIA 481-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com