Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPL-2F94-2S Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SPL-2F94-2S
Description  Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPL-2F94-2S Datasheet(HTML) 2 Page - OSRAM GmbH

  SPL-2F94-2S Datasheet HTML 1Page - OSRAM GmbH SPL-2F94-2S Datasheet HTML 2Page - OSRAM GmbH SPL-2F94-2S Datasheet HTML 3Page - OSRAM GmbH SPL-2F94-2S Datasheet HTML 4Page - OSRAM GmbH SPL-2F94-2S Datasheet HTML 5Page - OSRAM GmbH SPL-2F94-2S Datasheet HTML 6Page - OSRAM GmbH SPL-2F94-2S Datasheet HTML 7Page - OSRAM GmbH SPL-2F94-2S Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2016-03-02
2
Version 1.1
SPL 2F94-2S
Maximum Ratings (TA = 25 °C)
Characteristics (TA = 25 °C)
Parameter
Symbol
Values
Unit
Output power (continuous wave) 2) page 7 , 3) page 7
P
cw
2
W
Output power (quasi-continuous wave) 2) page 7 ,
3) page 7
(t
p ≤ 150 µs, duty cycle ≤ 30 %)
P
qcw
3
W
Reverse voltage
VR
3
V
Operating temperature
4) page 7
Top
-10 ... 60
°C
Storage temperature range
4) page 7
Tstg
-40 ... 85
°C
Soldering temperature at the pins, max. 10 s
Ts1
260
°C
Parameter
Symbol
Values
Unit
min
typ
max
Emission wavelength 5) page 7
λ
peak
930
940
950
nm
Spectral width (FWHM) 5) page 7
∆λ
3
nm
Peak output power 6) page 7 , 7) page 7
P
opt
1.5
W
Differential efficiency 6) page 7 , 7) page 7
η
0.6
0.75
W / A
Threshold current
I
th
0.35
0.45
0.6
A
Operating current
5) page 7 , 6) page 7 , 7) page 7
Iop
2.5
3
A
Operating voltage
5) page 7
Vop
1.9
2.1
V
Differential series resistance
Rs
0.15
0.25 Ω
Fiber diameter
D
50
200
µm
Numerical aperture
NA
0.22
Temperature coefficient of operating current
∂Iop /
I
op∂T
0.5
% / K
Temperature coefficient of wavelength
∆λ / ∆T
0.3
nm / K
Thermal resistance (junction → heat sink)
R
th
5
K / W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com