Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPL-2F94-2S Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SPL-2F94-2S
Description  Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPL-2F94-2S Datasheet(HTML) 3 Page - OSRAM GmbH

  SPL-2F94-2S Datasheet HTML 1Page - OSRAM GmbH SPL-2F94-2S Datasheet HTML 2Page - OSRAM GmbH SPL-2F94-2S Datasheet HTML 3Page - OSRAM GmbH SPL-2F94-2S Datasheet HTML 4Page - OSRAM GmbH SPL-2F94-2S Datasheet HTML 5Page - OSRAM GmbH SPL-2F94-2S Datasheet HTML 6Page - OSRAM GmbH SPL-2F94-2S Datasheet HTML 7Page - OSRAM GmbH SPL-2F94-2S Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Version 1.1
SPL 2F94-2S
2016-03-02
3
Typical Coupling Efficiency by Using Other Fiber Types
(Standard fiber: core Ø 200 µm, 0.22 NA, η
c = 1)
Optical power from the fiber output with the coupling efficiency η
c
Popt = η x ηc x (I - Ith)
Core Diameter Ø (µm)
Numerical Aperture NA
Coupling Efficiency η
c(W/A)
125
0.35
0.9
100
0.22
0.75
50
0.22
0.25
Opt. Output Power vs. Forward Current
TA = 25 °C
Relative Spectral Emission
TA = 25 °C, Popt = 1.5 W
OHW00796
0
0
IF
opt
P
1
2
3
A
W
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
OHW00798
0
920
λ
930
940
950
960
nm
0.25
0.5
0.75
1
%
Ι
rel



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com