Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPL-2F94-2S Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SPL-2F94-2S
Description  Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPL-2F94-2S Datasheet(HTML) 4 Page - OSRAM GmbH

  SPL-2F94-2S Datasheet HTML 1Page - OSRAM GmbH SPL-2F94-2S Datasheet HTML 2Page - OSRAM GmbH SPL-2F94-2S Datasheet HTML 3Page - OSRAM GmbH SPL-2F94-2S Datasheet HTML 4Page - OSRAM GmbH SPL-2F94-2S Datasheet HTML 5Page - OSRAM GmbH SPL-2F94-2S Datasheet HTML 6Page - OSRAM GmbH SPL-2F94-2S Datasheet HTML 7Page - OSRAM GmbH SPL-2F94-2S Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2016-03-02
4
Version 1.1
SPL 2F94-2S
NTC Thermistor
RT = R0 x exp (B x (1/T - 1/T0))
R0 = 10 kΩ ± 3%, T0 = 25 °C = 298 K, B = 3730 K
Notes for Operation I
All devices are pre-tested and will be delivered including measured laser characteristics. For safety,
unpacking, handling, mounting, and operating issues, please read carefully our "Notes for Operation I".
Mechanical Attachment
Mounting hole (suitable for M 2.5).
Because of the good thermal conductivity of the TO 220 base plate (copper) the heat loss is properly
dissipated even if the component is attached on one side only.
For exact positioning of the TO component and other parts, e. g. lenses, the TO 220 package can be
attached with appropriate clampig devices or screws (max. M 2.5).
OHL01668
0
NTC
R
T
350
250
200
50
100
150
k
-40 -20
0
20
60
40
˚C 100



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com