Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9250LE Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE9250LE
Description  High Speed CAN Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9250LE Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE9250LE Datasheet HTML 18Page - Infineon Technologies AG TLE9250LE Datasheet HTML 19Page - Infineon Technologies AG TLE9250LE Datasheet HTML 20Page - Infineon Technologies AG TLE9250LE Datasheet HTML 21Page - Infineon Technologies AG TLE9250LE Datasheet HTML 22Page - Infineon Technologies AG TLE9250LE Datasheet HTML 23Page - Infineon Technologies AG TLE9250LE Datasheet HTML 24Page - Infineon Technologies AG TLE9250LE Datasheet HTML 25Page - Infineon Technologies AG TLE9250LE Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Data Sheet
22
Rev. 1.0
2017-08-09
HS CAN Transceiver
High Speed CAN Transceiver
Electrical characteristics
Delay Times
Delay time for mode change
tMode
–
–
20
µs
1)
P_9.1.79
CAN FD characteristics
Received recessive bit width
at 2 MBit/s
tBit(RxD)_2M 400
500
550
ns
C2 = 100 pF,
CRxD =15 pF,
tBit = 500 ns,
(see Figure 12);
P_9.1.84
Received recessive bit width
at 5 MBit/s
tBit(RxD)_5M 120
200
220
ns
C2 = 100 pF,
CRxD =15 pF,
tBit = 200 ns,
(see Figure 12);
P_9.1.85
Transmitted recessive bit
width at 2 MBit/s
tBit(Bus)_2M 435
500
530
ns
C2 = 100 pF,
CRxD =15 pF,
tBit = 500 ns,
(see Figure 12);
P_9.1.86
Transmitted recessive bit
width at 5 MBit/s
tBit(Bus)_5M 155
200
210
ns
C2 = 100 pF,
CRxD =15 pF,
tBit = 200 ns,
(see Figure 12);
P_9.1.87
Receiver timing symmetry at
2MBit/s
∆tRec_2M = tBit(RxD)_2M - tBit(Bus)_2M
∆tRec_2M
-65
–
40
ns
C2 = 100 pF,
CRxD =15 pF,
tBit = 500 ns,
(see Figure 12);
P_9.1.88
Receiver timing symmetry at
5MBit/s
∆tRec_5M = tBit(RxD)_5M - tBit(Bus)_5M
∆tRec_5M
-45
–
15
ns
C2 = 100 pF,
CRxD =15 pF,
tBit = 200 ns,
(see Figure 12);
P_9.1.89
1) Not subject to production test, specified by design.
2) VSYM shall be observed during dominant and recessive state and also during the transition from dominant to
recessive and vice versa, while TxD is stimulated by a square wave signal with a frequency of 1 MHz.
Table 6
Electrical characteristics (cont’d)
4.5 V < VCC <5.5 V; RL =60 Ω; -40 °C < Tj < 150 °C; all voltages with respect to ground; positive current flowing
into pin; unless otherwise specified.
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min. Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com