Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9250LE Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE9250LE
Description  High Speed CAN Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9250LE Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE9250LE Datasheet HTML 15Page - Infineon Technologies AG TLE9250LE Datasheet HTML 16Page - Infineon Technologies AG TLE9250LE Datasheet HTML 17Page - Infineon Technologies AG TLE9250LE Datasheet HTML 18Page - Infineon Technologies AG TLE9250LE Datasheet HTML 19Page - Infineon Technologies AG TLE9250LE Datasheet HTML 20Page - Infineon Technologies AG TLE9250LE Datasheet HTML 21Page - Infineon Technologies AG TLE9250LE Datasheet HTML 22Page - Infineon Technologies AG TLE9250LE Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
19
Rev. 1.0
2017-08-09
HS CAN Transceiver
High Speed CAN Transceiver
Electrical characteristics
TxD permanent “dominant”
time-out, optional
tTxD
1–
4ms
Normal-operating
mode;
P_9.1.32
NRM and NEN input
“High” level input voltage
threshold
VNRM,H/NEN,H –0.5
× VCC
0.7
× VCC
VPower-save mode;
P_9.1.36
“Low” level input voltage
threshold
VNRM,L/NEN,L 0.3
× VCC
0.4
× VCC
–
V
Normal-operating
mode;
P_9.1.37
“High” level input current
INRM,H/NEN,H -2
–
2
µA
VNRMNEN = VCC;
P_9.1.38
“Low” level input current
INRM,L/NEN,L -200 –
-20
µA
VNRMNEN =0 V;
P_9.1.39
Input hysteresis
VHYS(NRM)(NE
N)
–
200
–
mV
1)
P_9.1.42
Input capacitance
C(NRM)(NEN) ––10
pF
1)
P_9.1.43
Table 6
Electrical characteristics (cont’d)
4.5 V < VCC <5.5 V; RL =60 Ω; -40 °C < Tj < 150 °C; all voltages with respect to ground; positive current flowing
into pin; unless otherwise specified.
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min. Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com