Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9250LE Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE9250LE
Description  High Speed CAN Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9250LE Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE9250LE Datasheet HTML 19Page - Infineon Technologies AG TLE9250LE Datasheet HTML 20Page - Infineon Technologies AG TLE9250LE Datasheet HTML 21Page - Infineon Technologies AG TLE9250LE Datasheet HTML 22Page - Infineon Technologies AG TLE9250LE Datasheet HTML 23Page - Infineon Technologies AG TLE9250LE Datasheet HTML 24Page - Infineon Technologies AG TLE9250LE Datasheet HTML 25Page - Infineon Technologies AG TLE9250LE Datasheet HTML 26Page - Infineon Technologies AG TLE9250LE Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
23
Rev. 1.0
2017-08-09
HS CAN Transceiver
High Speed CAN Transceiver
Electrical characteristics
9.2
Diagrams
Figure 10
Test circuit for dynamic characteristics
Figure 11
Timing diagrams for dynamic characteristics
Figure 12
Recessive bit time for five “dominant” bits followed by one “recessive” bit
TLE9250
3
GND
2
4
5
1
8
100 nF
6
CANL
7
CANH
RL/2
VCC
NRM
TxD
NEN
RxD
C2
CRxD
RL/2
C1
VDiff
TxD
t
t
RxD
0.9 V
tLoop(H,L)
td(L),T
td(L),R
0.5 V
tLoop(L,H)
td(H),T
td(H),R
0.3 x VCC
0.3 x VCC
0.7 x VCC
0.7 x VCC
t
VDiff
TxD
t
t
RxD
0.9 V
5 x tBit
0.5 V
tLoop(H,L)
t
tBit
tBit(Bus)
tLoop(L,H)
tBit(RxD)
0.3 x VCC
0.7 x VCC
0.7 x VCC
0.3 x VCC
0.3 x VCC
VDiff = VCANH - VCANL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com