Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9250VLE Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE9250VLE
Description  High Speed CAN Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9250VLE Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE9250VLE Datasheet HTML 5Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 6Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 7Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 8Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 9Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 10Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 11Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 12Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
9
Rev. 1.0
2017-08-09
HS CAN Transceiver
High Speed CAN Transceiver
Modes of operation
5.1
Normal-operating mode
In Normal-operating mode the transceiver TLE9250V sends and receives data from the HS CAN bus. All
functions are active (see also Figure 4 and Table 2):
• The transmitter is active and drives the serial data stream on the TxD input pin to the bus pins CANH and
CANL.
• The normal-mode receiver is active and converts the signals from the bus to a serial data stream on the RxD
output.
• The RxD output pin indicates the data received by the normal-mode receiver.
• The bus biasing is connected to VCC/2.
• The NEN input pin is active and changes the mode of operation.
• The TxD time-out function is enabled and disconnects the transmitter in case a time-out is detected.
• The overtemperature protection is enabled and disconnects the transmitter in case an overtemperature is
detected.
• The undervoltage detection on VCC is enabled and triggers a mode change to Forced-receive-only in case
an undervoltage event is detected.
• The undervoltage detection on VIO is enabled and powers down the device in case of detection.
Normal-operating mode is entered from Power-save mode and Forced-receive-only mode, when the NEN
input pin is set to logical “low”.
Normal-operating mode can only be entered when all supplies are available:
• The transmitter supply VCC is available (VCC > VCC(UV,R)).
• The digital supply VIO is available (VIO > VIO(UV,R)).
5.2
Forced-receive-only mode
The Forced-receive-only mode is a fail-safe mode of the TLE9250V, which will be entered when the transmitter
supply VCC is not available . The following functions are available (see also Figure 4 and Table 2):
• The transmitter is disabled and the data available on the TxD input is blocked.
•The normal-mode receiver is enabled.
• The RxD output pin indicates the data received by the normal-mode receiver.
• The bus biasing is connected to GND.
• The NEN input pin is active and changes the mode of operation to Power-save mode, if logical “high”.
• The TxD time-out function is disabled.
• The overtemperature protection is disabled.
• The undervoltage detection on VCC is active.
• The undervoltage detection on VIO is enabled and powers down the device in case of detection.
• Forced-receive-only mode is entered from power-down state if the NEN input pin is set to logical “low” and
the digital supply VIO is available (VIO > VIO(UV,R)).
• Forced-receive-only mode is entered from Normal-operating mode by an undervoltage event on the
transmitter supply VCC.
5.3
Power-save mode
In Power-save mode the transmitter and receiver are disabled. (see also and Table 2):
• The transmitter is disabled and the data available on the TxD input is blocked.
• The receiver is disabled and the data available on the bus is blocked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com