Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9250VLE Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE9250VLE
Description  High Speed CAN Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9250VLE Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE9250VLE Datasheet HTML 1Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 2Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 3Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 4Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 5Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 6Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 7Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 8Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Data Sheet
1
Rev. 1.0
www.infineon.com/automotive-transceiver
2017-08-09
TLE9250V
High Speed CAN Transceiver
1
Overview
Qualified for Automotive Applications according to AEC-Q100
Features
• Fully compliant to ISO 11898-2 (2016) and SAE J2284-4/-5
• Reference device and part of Interoperability Test Specification for CAN
Transceiver
• Guaranteed loop delay symmetry for CAN FD data frames up to 5 MBit/s
• Very low electromagnetic emission (EME) allows the use without
additional common mode choke
• VIO input for voltage adaption to the µC interface (3.3V & 5V)
• Wide common mode range for electromagnetic immunity (EMI)
• Excellent ESD robustness +/-8kV (HBM) and +/-11kV (IEC 61000-4-2)
• Extended supply range on the VCC and VIO supply
• CAN short circuit proof to ground, battery, VCCand VIO
• TxD time-out function
• Very low CAN bus leakage current in power-down state
• Overtemperature protection
• Protected against automotive transients according ISO 7637 and SAE J2962-2 standards
• Power-save mode
• Green Product (RoHS compliant)
• Small, leadless TSON8 package designed for automated optical inspection (AOI)
• AEC Qualified
Potential applications
• Engine Control Unit (ECUs)
• Electric Power Steering
• Transmission Control Units (TCUs)
• Chassis Control Modules
PG-TSON-8
PG-DSO-8


Similar Part No. - TLE9250VLE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE9250LE INFINEON-TLE9250LE Datasheet
1Mb / 28P
High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE9250SJ INFINEON-TLE9250SJ Datasheet
1Mb / 28P
High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE9250X INFINEON-TLE9250X Datasheet
1Mb / 29P
High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE9250XLE INFINEON-TLE9250XLE Datasheet
1Mb / 29P
High Speed CAN Transceiver
Rev. 1.0 2017-08-09
More results

Similar Description - TLE9250VLE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6660 ATMEL-ATA6660_06 Datasheet
242Kb / 12P
High-speed Can Transceiver
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551_07 Datasheet
279Kb / 24P
High-Speed CAN Transceiver
2007
logo
Infineon Technologies A...
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
logo
NXP Semiconductors
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
High-speed CAN transceiver
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
High-speed CAN transceiver
Rev. 6-24 August 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com