Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9250VLE Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE9250VLE
Description  High Speed CAN Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9250VLE Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE9250VLE Datasheet HTML 8Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 9Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 10Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 11Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 12Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 13Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 14Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 15Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Data Sheet
12
Rev. 1.0
2017-08-09
HS CAN Transceiver
High Speed CAN Transceiver
Changing the mode of operation
6.2
Mode change by the NEN pin
When the TLE9250V is supplied with the digital voltage VIO the internal logic works and mode change by the
mode selection pin NEN is possible.
By default the NEN input pin is logical “high” due to the internal pull-up current source to VIO. Changing the
NEN input pin to logical “low” in Power-save mode triggers a mode change to Normal-operating mode (see
Figure 7). To enter Normal-operating mode the transmitter supply VCC needs to be available.
Power-save mode can be entered from Normal-operating mode and from Forced-receive-only mode by
setting the NEN pin to logical “high”. Entering Forced-receive-only mode from Power-save mode is not
possible by the NEN pin. The device remains in Power-save mode independently of the VCC supply voltage.
Figure 7
Mode selection by the NEN pin
NEN
VCC
VIO
Power-down
state
“X”
“X”
“off”
Normal-operating
mode
NEN
VCC
VIO
0
“on”
“on”
Forced-
receive-only
mode
NEN
VCC
VIO
0
“off”
“on”
Power-save
mode
NEN
VCC
VIO
1
“X”
“on”
VCC “X”
NEN “1”
VCC “X”
NEN “1”
VCC “on”
NEN “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com