Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8250GVIO Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE8250GVIO
Description  High Speed CAN-Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8250GVIO Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE8250GVIO Datasheet HTML 9Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 10Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 11Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 12Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 13Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 14Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 15Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 16Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Data Sheet
13
Rev. 1.11
2016-12-29
TLE8250GVIO
High Speed CAN-Transceiver
General Product Characteristics
6
General Product Characteristics
6.1
Absolute Maximum Ratings
Note:
Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics
table.
6.2
Functional Range
Table 3
Absolute Maximum Ratings Voltages, Currents and Temperatures1)
All voltages with respect to ground; positive current flowing into pin; (unless otherwise specified)
1) Not subject to production test, specified by design
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min. Typ. Max.
Voltages
Transceiver Supply Voltage
VCC
-0.3 –
6.0
V
–
P_6.1.1
Logic Supply Voltage
VIO
-0.3 –
6.0
V
–
P_6.1.2
CANH DC voltage versus GND
VCANH
-40 –
40
V
–
P_6.1.3
CANL DC voltage versus GND
VCANL
-40 –
40
V
–
P_6.1.4
Differential voltage between CANH and
CANL
VCANdiff -40 –
40
V
–
P_6.1.5
Logic voltages at NEN, TxD, RxD
VI
-0.3 –
6.0
V
–
P_6.1.6
Temperatures
Junction temperature
Tj
-40 –
150 °C
–
P_6.1.7
Storage temperature
TS
- 55 –
150 °C
–
P_6.1.8
ESD Resistivity
ESD Resistivity at CANH, CANL versus GND VESD
-8
–
8
–
kV
Human Body Model
(100pF via 1.5 kΩ)2)
2) ESD susceptibility HBM according to EIA / JESD 22-A 114
P_6.1.9
ESD Resistivity all other pins
VESD
-2
–
2
–
kV
Human Body Model
(100pF via 1.5 kΩ)2)
P_6.1.10
Table 4
Operating Range
Parameter
Symbol
Values
Unit Note or Test Condition
Number
Min. Typ. Max.
Supply Voltages
Transceiver Supply Voltage
VCC
4.5
–
5.5
V
–
P_6.2.1
Logical Supply Voltage
VIO
3.0
–
5.5
V
–
P_6.2.2
Thermal Parameters
Junction temperature
Tj
-40
–
150
°C
1)
P_6.2.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com