Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8250GVIO Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE8250GVIO
Description  High Speed CAN-Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8250GVIO Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE8250GVIO Datasheet HTML 12Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 13Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 14Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 15Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 16Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 17Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 18Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 19Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Data Sheet
16
Rev. 1.11
2016-12-29
TLE8250GVIO
High Speed CAN-Transceiver
Electrical Characteristics
TxD permanent dominant disable
time
tTxD
0.3 –
1.0
ms –
P_7.1.16
Not Enable Input NEN
HIGH level input voltage threshold VNEN,H
–0.5
× VIO
0.7
× VIO
VStand-By mode;
P_7.1.17
LOW level input voltage threshold VNEN,L
0.3
× VIO
0.4
× VIO
–
V
Normal Operation mode;
P_7.1.18
NEN pull-up resistance
RNEN
10
25
50
kΩ
–
P_7.1.19
NEN input hysteresis
VHYS(NEN) –200 –
mV 1)
P_7.1.20
Bus Receiver
Differential receiver threshold
“Dominant”
VDIFF,(D) –
0.75 0.9
V
Normal Operation mode
P_7.1.21
Differential receiver threshold
“Recessive”
VDIFF,(R) 0.5 0.6 –
–
Normal Operation mode
P_7.1.22
Differential receiver input range -
“Dominant”
Vdiff,rdN 0.9 –
5.0
V
Normal Operation mode
P_7.1.23
Differential receiver input range -
“Recessive”
Vdiff,drN -1.0 –
0.5
V
Normal Operation mode
P_7.1.24
Common Mode Range
CMR
-12 –
12
V
VCC = 5 V
P_7.1.25
Differential receiver hysteresis
Vdiff,hys –100 –
mV 1)
P_7.1.26
CANH, CANL input resistance
Ri
10
20
30
kΩ
“Recessive” state
P_7.1.27
Differential input resistance
Rdiff
20
40
60
kΩ
“Recessive” state
P_7.1.28
Input resistance deviation
between CANH and CANL
∆Ri
-3
–
3
%
1) “Recessive” state
P_7.1.29
Input capacitance CANH, CANL
versus GND
CIN
–20
40
pF
1) VTxD = VCC
P_7.1.30
Differential input capacitance
CInDiff
–10
20
pF
1) VTxD = VCC
P_7.1.31
Bus Transmitter
CANL/CANH recessive output
voltage
VCANL/H 2.0 2.5 3.0
V
VTxD = VIO;
no load
P_7.1.32
CANH, CANL recessive
output voltage difference
Vdiff
-500 –
50
mV VTxD = VIO;
no load
P_7.1.33
CANL dominant output voltage
VCANL
0.5 –
2.25 V
4.75 V < VCC <5.25 V,
VTxD = 0 V,
50 Ω < RL <65 Ω
P_7.1.34
CANH dominant output voltage
VCANH
2.75 –
4.5
V
4.75 V < VCC <5.25 V,
VTxD = 0 V,
50 Ω < RL <65 Ω
P_7.1.35
Table 6
Electrical Characteristics (cont’d)
4.5 V < VCC <5.5 V; 3.0 V < VIO <5.5 V; RL =60 Ω; -40°C < TJ < +150°C; all voltages with respect to ground; positive
current flowing into pin; unless otherwise specified.
Parameter
Symbol
Values
Unit Note or Test Condition
Number
Min. Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com