Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8250GVIO Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE8250GVIO
Description  High Speed CAN-Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8250GVIO Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE8250GVIO Datasheet HTML 13Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 14Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 15Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 16Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 17Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 18Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 19Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 20Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Data Sheet
17
Rev. 1.11
2016-12-29
TLE8250GVIO
High Speed CAN-Transceiver
Electrical Characteristics
CANH, CANL dominant output
voltage difference
Vdiff = VCANH - VCANL
Vdiff
1.5 –
3.0
V
4.75 V < VCC <5.25 V,
VTxD = 0 V,
50 Ω < RL <65 Ω
P_7.1.36
Driver Symmetry
VSYM = VCANH + VCANL
VSYM
4.5 –
5.5
V
VTxD = “Low”;
VCC = 5 V
50 Ω
< RL <65 Ω
P_7.1.37
CANL short circuit current
ICANLsc
50
100 200 mA VCANLshort = 18 V
P_7.1.38
CANH short circuit current
ICANHsc
-200 -100 -50
mA VCANHshort = 0 V
P_7.1.39
Leakage current
ICANHL,lk -5
0
5
µA
VCC =0 V; VCANH = VCANL;
0V< VCANH,L <5V
P_7.1.40
Dynamic CAN-Transceiver Characteristics
Propagation delay
TxD-to-RxD LOW (“Recessive” to
“Dominant”)
td(L),TR
–
–
255 ns
CL = 100 pF;
VCC =5 V; CRxD =15 pF
P_7.1.41
Propagation delay
TxD-to-RxD HIGH (“Dominant” to
“Recessive”)
td(H),TR
–
–
255 ns
CL = 100 pF;
VCC =5 V; CRxD =15 pF
P_7.1.42
Propagation delay
TxD LOW to bus “Dominant”
td(L),T
–110 –
ns
CL = 100 pF;
VCC =5 V; CRxD =15 pF
P_7.1.43
Propagation delay
TxD HIGH to bus “Recessive”
td(H),T
–110 –
ns
CL = 100 pF;
VCC =5 V; CRxD =15 pF
P_7.1.44
Propagation delay
bus “Dominant” to RxD “Low”
td(L),R
–70
–
ns
CL = 100 pF;
VCC =5 V; CRxD =15 pF
P_7.1.45
Propagation delay
bus “Recessive” to RxD “High”
td(H),R
–100 –
ns
CL = 100 pF;
VCC =5 V; CRxD =15 pF
P_7.1.46
Time for mode change
tMode
––
10
µs
1)
P_7.1.47
1) Not subject to production test, specified by design
Table 6
Electrical Characteristics (cont’d)
4.5 V < VCC <5.5 V; 3.0 V < VIO <5.5 V; RL =60 Ω; -40°C < TJ < +150°C; all voltages with respect to ground; positive
current flowing into pin; unless otherwise specified.
Parameter
Symbol
Values
Unit Note or Test Condition
Number
Min. Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com