Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8250 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE8250
Description  High Speed CAN Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8250 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE8250 Datasheet HTML 5Page - Infineon Technologies AG TLE8250 Datasheet HTML 6Page - Infineon Technologies AG TLE8250 Datasheet HTML 7Page - Infineon Technologies AG TLE8250 Datasheet HTML 8Page - Infineon Technologies AG TLE8250 Datasheet HTML 9Page - Infineon Technologies AG TLE8250 Datasheet HTML 10Page - Infineon Technologies AG TLE8250 Datasheet HTML 11Page - Infineon Technologies AG TLE8250 Datasheet HTML 12Page - Infineon Technologies AG TLE8250 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Data Sheet
9
Rev. 1.0
2016-07-15
TLE8250
High Speed CAN Transceiver
Functional Description
4.3
Power-up and Undervoltage Condition
By detecting an undervoltage event or by switching off the transmitter power supply VCC, the transceiver
changes the mode of operation (details see Figure 5).
Figure 5
Power-up and undervoltage
Table 2
Modes of operation
Mode
NEN
NRM
VCC
Bus-bias Transmitter Normal-mode
Receiver
Low-power
Receiver
Normal-operating “low”
“high”
“on”
VCC/2
“on”
“on”
not available
Power-save
“high”
“X”
“on”
floating
“off”
“off”
not available
Receive-only
“low”
“low”
“on”
VCC/2
“off”
“on”
not available
Power-down state “X1)”
1) “X”: Don’t care
“X”
“off”
floating
“off”
“off”
not available
NEN
NRM
VCC
power-down
state
“X”
“X”
“off”
normal-operating
mode
NEN
NRM
VCC
0
1
“on”
receive-only
mode
NEN
NRM
VCC
0
0
“on”
power-save
mode
NEN
NRM
VCC
1
“X”
“on”
VCC “on”
NEN “1”
NRM “X”
VCC “on”
NEN “0”
NRM “1”
VCC “on”
NEN “0”
NRM “0”
VCC “on”
NEN “0”
NRM “X”
VCC “on”
NEN “0”
NRM “1”
VCC “on”
NEN “1”
NRM “X”
VCC “on”
NEN “0”
NRM “0”
VCC “on”
NEN “0”
NRM “0”
VCC “on”
NEN “0”
NRM “1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com